Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 5 Page - Texas Instruments

  LP8733 Datasheet HTML 1Page - Texas Instruments LP8733 Datasheet HTML 2Page - Texas Instruments LP8733 Datasheet HTML 3Page - Texas Instruments LP8733 Datasheet HTML 4Page - Texas Instruments LP8733 Datasheet HTML 5Page - Texas Instruments LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
5
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN_Bx, VANA
Voltage on power connections (must use the same
input supply)
–0.3
6
V
VIN_LDOx
Voltage on power connections
–0.3
6
V
SW_Bx
Voltage on buck switch nodes
–0.3
(VIN_Bx + 0.3 V) with 6-V
maximum
V
FB_Bx
Voltage on buck voltage sense nodes
–0.3
(VANA + 0.3 V) with 6-V
maximum
V
VOUT_LDOx
Voltage on LDO output
-0.3
(VIN_LDOx + 0.3 V) with 6-V
maximum
V
SDA, SCL, nINT, EN
Voltage on logic pins (input or output pins)
–0.3
6
V
PGOOD, GPO, CLKIN
(GPO2)
Voltage on logic pins (input or output pins)
–0.3
(VANA + 0.3 V) with 6-V
maximum
V
TJ-MAX
Junction temperature
−40
150
°C
Tstg
Storage temperature
–65
150
Maximum lead temperature (soldering, 10 seconds)
260
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM)
±2000
V
Charged-device model (CDM)
All pins
±500
Corner pins (1, 7, 8, 14,
15, 21, 22, 28)
±750
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
INPUT VOLTAGE
VIN_Bx, VANA
Voltage on power connections (must use the same input
supply)
2.8
5.5
V
VIN_LDOx
Voltage on LDO inputs
2.5
5.5
V
EN, nINT
Voltage on logic pins (input or output pins)
0
5.5
V
CLKIN
Voltage on logic pins (input pin)
0
VANA with 5.5-V
maximum
V
PGOOD, GPO, GPO2
Voltage on logic pins (output pins)
0
VANA
V
SCL, SDA
Voltage on I2C interface, Standard (100 kHz), Fast (400
kHz), Fast+ (1 MHz), and High-Speed (3.4 MHz) Modes
0
1.95
V
Voltage on I2C interface, Standard (100 kHz), Fast (400
kHz), and Fast+ (1 MHz) Modes
0
VANA with 3.6-V
maximum
V
TEMPERATURE
TJ
Junction temperature
−40
140
°C
TA
Ambient temperature
−40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com