Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
SHUTDOWN
STANDBY
ACTIVE
REGULATOR
ENABLED
READ
OTP
REG
RESET
I
2
C RESET
FROM ANY STATE
EXCEPT SHUTDOWN
REGULATOR(S)
DISABLED
V(VANA) < VANAUVLO
V(VANA) > VANAUVLO
38
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Modes of Operation
SHUTDOWN: The V(VANA) voltage is below VANAUVLO threshold level. All switch, reference, control, and bias
circuitry of the LP8733xx-Q1 device are turned off.
READ OTP: The main supply voltage V(VANA) is above VANAUVLO level. The regulators are disabled, and the
reference and bias circuitry of the LP8733xx-Q1 are enabled. The OTP bits are loaded to registers.
STANDBY: The main supply voltage V(VANA) is above VANAUVLO level. The regulators are disabled, and the
reference, control and bias circuitry of the LP8733xx-Q1 are enabled. All registers can be read or
written by the host processor via the system serial interface. The regulators can be enabled if
needed.
ACTIVE:
The main supply voltage V(VANA) is above VANAUVLO level. At least one regulator is enabled. All
registers can be read or written by the host processor via the system serial interface.
The operating modes and transitions between the modes are shown in Figure 22.
Figure 22. Device Operation Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com