Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 48Page - Texas Instruments LP8733 Datasheet HTML 49Page - Texas Instruments LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
52
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.22 PGOOD_CTRL_1
Address: 0x15
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_POL
PGOOD_OD
PGOOD_
WINDOW_LDO
PGOOD_
WINDOW_BUC
K
EN_PGOOD_L
DO1
EN_PGOOD_L
DO0
EN_PGOOD_B
UCK1
EN_PGOOD_B
UCK0
Bits
Field
Type
Default
Description
7
PGOOD_POL
R/W
X
PGOOD signal polarity.
0 - PGOOD signal high when monitored outputs are valid
1 - PGOOD signal low when monitored outputs are valid
6
PGOOD_OD
R/W
X
PGOOD signal type:
0 - Push-pull output (VANA level)
1 - Open-drain output
5
PGOOD_
WINDOW_LDO
R/W
X
LDO Output voltage monitoring method for PGOOD signal:
0 - Only undervoltage monitoring
1 - Overvoltage and undervoltage monitoring.
4
PGOOD_
WINDOW_BUCK
R/W
X
Buck Output voltage monitoring method for PGOOD signal:
0 - Only undervoltage monitoring
1 - Overvoltage and undervoltage monitoring.
3
EN_PGOOD_LDO
1
R/W
X
PGOOD signal source control from LDO1
0 - LDO1 is not monitored
1 - LDO1 Power-Good threshold voltage monitored
2
EN_PGOOD_LDO
0
R/W
X
PGOOD signal source control from LDO0
0 - LDO0 is not monitored
1 - LDO0 Power-Good threshold voltage monitored
1
EN_PGOOD_BUC
K1
R/W
X
PGOOD signal source control from Buck1
0 - Buck1 is not monitored
1 - Buck1 Power-Good threshold voltage monitored
0
EN_PGOOD_BUC
K0
R/W
X
PGOOD signal source control from Buck0
0 - Buck0 is not monitored
1 - Buck0 Power-Good threshold voltage monitored
7.6.1.23 PGOOD_CTRL_2
Address: 0x16
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
EN_PGOOD_T
WARN
PG_FAULT_G
ATES_PGOOD
PGOOD_MOD
E
Bits
Field
Type
Default
Description
7:3
Reserved
R/W
0 0000
2
EN_PGOOD_TWA
RN
R/W
X
Thermal warning control for PGOOD signal:
0 - Thermal warning not monitored
1 - PGOOD inactive if thermal warning flag is active.
1
PG_FAULT_GATE
S_PGOOD
R/W
X
Type of operation for PGOOD signal:
0 - Indicates live status of monitored voltage outputs.
1 - Indicates status of PG_FAULT register, inactive when at least one PG_FAULT_x
bit is inactive.
0
PGOOD_MODE
R/W
X
Operating mode for PGOOD signal:
0 - Gated mode
1 - Continuous mode
7.6.1.24 PG_FAULT
Address: 0x17
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
PG_FAULT_LD
O1
PG_FAULT_LD
O0
PG_FAULT_BU
CK1
PG_FAULT_BU
CK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com