Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
57
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Bits
Field
Type
Default
Description
4
SYNC_CLK
_MASK
R/W
X
Masking for external clock detection interrupt (SYNC_CLK_INT in INT_TOP_1
register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect SYNC_CLK_STAT status bit in TOP_STAT register.
3
Reserved
R/W
0
2
TDIE_WARN
_MASK
R/W
X
Masking for thermal warning interrupt (TDIE_WARN_INT in INT_TOP_1 register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect TDIE_WARN_STAT status bit in TOP_STAT register.
1
Reserved
R/W
0
0
I_MEAS
_MASK
R/W
X
Masking for load current measurement ready interrupt (MEAS_INT in INT_TOP_1
register).
0 - Interrupt generated
1 - Interrupt not generated.
7.6.1.34 TOP_MASK_2
Address: 0x21
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
RESET_REG
_MASK
Bits
Field
Type
Default
Description
7:1
Reserved
R/W
000 0000
0
RESET_REG
_MASK
R/W
X
Masking for register reset interrupt (RESET_REG_INT in INT_TOP_2 register):
0 - Interrupt generated
1 - Interrupt not generated.
This change of this bit by I2C writing has no effect because it will be read from OTP
memory during reset.
7.6.1.35 BUCK_MASK
Address: 0x22
D7
D6
D5
D4
D3
D2
D1
D0
BUCK1_PGF
_MASK
BUCK1_PGR
_MASK
Reserved
BUCK1_ILIM
_MASK
BUCK0_PGF
_MASK
BUCK0_PGR
_MASK
Reserved
BUCK0_ILIM
_MASK
Bits
Field
Type
Default
Description
7
BUCK1_PGF_MAS
K
R/W
X
Masking of Power Good invalid detection for Buck1 power good interrupt
(BUCK1_PG_INT in INT_BUCK register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect BUCK1_PG_STAT status bit in BUCK_STAT register.
6
BUCK1_PGR_MAS
K
R/W
X
Masking of Power Good valid detection for Buck1 Power Good interrupt
(BUCK1_PG_INT in INT_BUCK register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect BUCK1_PG_STAT status bit in BUCK_STAT register.
5
Reserved
R
0
4
BUCK1_ILIM
_MASK
R/W
X
Masking for Buck1 current limit detection interrupt (BUCK1_ILIM_INT in INT_BUCK
register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect BUCK1_ILIM_STAT status bit in BUCK_STAT register.
3
BUCK0_PGF_MAS
K
R/W
X
Masking of Power Good invalid detection for Buck0 power good interrupt
(BUCK0_PG_INT in INT_BUCK register):
0 - Interrupt generated
1 - Interrupt not generated.
This bit does not affect BUCK0_PG_STAT status bit in BUCK_STAT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com