Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 9Page - Texas Instruments LP8733 Datasheet HTML 10Page - Texas Instruments LP8733 Datasheet HTML 11Page - Texas Instruments LP8733 Datasheet HTML 12Page - Texas Instruments LP8733 Datasheet HTML 13Page - Texas Instruments LP8733 Datasheet HTML 14Page - Texas Instruments LP8733 Datasheet HTML 15Page - Texas Instruments LP8733 Datasheet HTML 16Page - Texas Instruments LP8733 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
S
RS
P
S
13
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
I
2C Serial Bus Timing Parameters (continued)
These specifications are ensured by design. Unless otherwise noted, VIN_Bx = 3.7 V. See
(1) and Figure 1.
MIN
MAX
UNIT
tfDA
Fall time of SDA signal
Standard mode
300
ns
Fast mode
20 × (VDD / 5.5
V)
300
Fast mode+
20 × (VDD / 5.5
V)
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
30
160
trCL
Rise time of SCL signal
Standard mode
1000
ns
Fast mode
20
300
Fast mode+
120
High-speed mode, Cb = 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
trCL1
Rise time of SCL signal
after a repeated start
condition and after an
acknowledge bit
High-speed mode, Cb = 100 pF
10
80
ns
High-speed mode, Cb = 400 pF
20
160
tfCL
Fall time of a SCL signal
Standard mode
300
ns
Fast mode
20 × (VDD / 5.5
V)
300
Fast mode+
20 × (VDD / 5.5
V)
120
High-speed mode, Cb = 10 – 100 pF
10
40
High-speed mode, Cb = 400 pF
20
80
Cb
Capacitive load for each
bus line (SCL and SDA)
400
pF
tSP
Pulse width of spike
suppressed (SCL and
SDA spikes that are less
then the indicated width
are suppressed)
Standard mode, fast mode, and fast mode+
50
ns
High-speed mode
10
Figure 1. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com