Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments LP8733 Datasheet HTML 68Page - Texas Instruments LP8733 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D009
Vout=1V
Vout=1.8V
Vout=2.5V
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D007
Vout=1V
Vout=1.8V
Vout=2.5V
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D005
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D003
Vin=5V, AUTO
Vin=3.3V, AUTO
Vin=5V, FPWM
Vin=3.3V, FPWM
65
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.3 Application Curves
Measurements are done using typical application set up with connections shown in Typical Applications. Graphs
may not reflect the OTP default settings. Unless otherwise specified: V(VIN_Bx) = V(VIN_LDOx) = V(VANA) = 3.7 V,
VOUT_Bx = 1 V, VOUT_LDOx = 1 V, TA = 25°C, L = 0.47 µH (TOKO DFE252012PD-R47M), COUT_BUCK = 22 µF /
phase, and CPOL_BUCK = 22 µF, COUT_LDO = 1 µF.
VOUT = 1.8 V
Figure 32. Buck Efficiency in PFM/PWM and Forced PWM
Mode (Single-Phase Output)
VOUT = 1.8 V
Figure 33. Buck Efficiency in PFM/PWM and Forced PWM
Mode (Dual-Phase Output)
VIN = 3.3 V
Figure 34. Buck Efficiency in Forced PWM Mode (Single-
Phase Output)
VIN = 3.3 V
Figure 35. Buck Efficiency in Forced PWM Mode (Dual-
Phase Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com