Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 1 Page - Texas Instruments

  LP8733 Datasheet HTML 1Page - Texas Instruments LP8733 Datasheet HTML 2Page - Texas Instruments LP8733 Datasheet HTML 3Page - Texas Instruments LP8733 Datasheet HTML 4Page - Texas Instruments LP8733 Datasheet HTML 5Page - Texas Instruments LP8733 Datasheet HTML 6Page - Texas Instruments LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
1 ± 2
Outputs
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2018, Texas Instruments Incorporated
Configurable
multi-phase
Output Current (A)
0.025
0.1
1
6
50
60
70
80
90
100
D420
1PH, Vin=3.7V, Vout=1.0V
1PH, Vin=3.7V, Vout=2.5V
2PH, Vin=3.7V, Vout=1.0V
2PH, Vin=3.7V, Vout=2.5V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
1
1 Features
1
•
AEC-Q100 Qualified With the Following Results:
–
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
•
Input Voltage: 2.8 V to 5.5 V
•
Two High-Efficiency Step-Down DC/DC
Converters:
–
Output Voltage: 0.7 V to 3.36 V
–
Maximum Output Current 3 A per phase
–
Auto Phase Adding/Shedding and Force Multi-
Phase Operations in Dual-Phase Configuration
–
Remote Differential Feedback Voltage Sensing
in Dual-Phase Configuration
–
Programmable Output-Voltage Slew Rate
From 0.5 mV/µs to 10 mV/µs
–
2-MHz Switching Frequency
–
Spread-Spectrum Mode and Phase
Interleaving for EMI Reduction
•
Two Linear Regulators:
–
Input Voltage: 2.5 V to 5.5 V
–
Output Voltage: 0.8 V to 3.3 V
–
Maximum Output Current 300 mA
•
Configurable General-Purpose Output Signals
(GPO, GPO2)
•
Interrupt Function With Programmable Masking
•
Programmable Power-Good Signal (PGOOD)
•
Output Short-Circuit and Overload Protection
•
Overtemperature Warning and Protection
•
Overvoltage Protection (OVP) and Undervoltage
Lockout (UVLO)
•
28-pin, 5-mm × 5-mm VQFN Package with
Wettable Flanks
Simplified Schematic
2 Applications
•
Automotive Head Unit and Cluster
•
Automotive Camera Module
•
Surround View System ECU
•
Radar System ECU
3 Description
The LP8733xx-Q1 is designed to meet the power
management
requirements
in
automotive
applications. The device has two step-down DC/DC
converters which can be configured as single dual-
phase regulator or two single-phase regulators and
two linear regulators and general-purpose digital-
output signals. The device is controlled by an I2C-
compatible serial interface and by an enable signal.
The automatic PWM/PFM (AUTO mode) operation
together with the automatic phase adding/shedding
maximizes gives high efficiency over a wide output-
current range. The LP8733xx-Q1 supports remote
voltage
sensing
(differential
in
dual-phase
configuration) to compensate IR drop between the
regulator output and the point-of-load (POL), thus
improving the accuracy of the output voltage. In
addition, the switching clock can be forced to PWM
mode and also synchronized to an external clock to
minimize the disturbances.
The LP8733xx-Q1 device supports programmable
start-up
and
shutdown
delays
and
sequences
including GPO signals synchronized to the enable
signal. During start-up and voltage change, the
device controls the output slew rate to minimize
output voltage overshoot and the in-rush current.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP8733xx-Q1
VQFN (28)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DC/DC Efficiency vs Output Current (Dual-Phase)


Similar Part No. - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733 Datasheet
2Mb / 86P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
More results

Similar Description - LP8733

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP873220-Q1 TI1-LP873220-Q1 Datasheet
2Mb / 69P
LP873220-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI1-LP8733 Datasheet
5Mb / 82P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8732-Q1 TI-LP8732-Q1_V01 Datasheet
6Mb / 85P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V01 Datasheet
6Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
LP8733 TI-LP8733_V02 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V02 Datasheet
2Mb / 86P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733-Q1 TI-LP8733-Q1_V02 Datasheet
2Mb / 86P
LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8733 TI-LP8733_V03 Datasheet
3Mb / 84P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
JUNE 2021
LP8732-Q1 TI-LP8732-Q1_V03 Datasheet
3Mb / 86P
LP8732xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
LP8733 TI-LP8733_V04 Datasheet
3Mb / 86P
LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
REVISED JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com