Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
Time
Voltage
Ramp for Buck
BUCKx_CTRL2(SLEW_RATEx[2:0])
BUCKx_VSET /
LDOx_VSET
INT_BUCK(BUCKx_PG_INT) /
INT_LDO(LDOx_PG_INT)
nINT
Host clears
interrupt
Powergood
interrupt
Powergood
BUCK_STAT(BUCKx_STAT) /
LDO_STAT(LDOx_STAT)
1
Powergood
BUCK_STAT(BUCKx_PG_STAT) /
LDO_STAT(LDOx_PG_STAT)
Host clears
interrupt
Powergood
interrupt
1
0
1
0
1
0
1
0
1
0
BUCK_MASK(BUCKx_PGF_MASK)=0
BUCK_MASK(BUCKx_PGR_MASK)=0
LDO_MASK(LDOx_PGF_MASK)=0
LDO_MASK(LDOx_PGR_MASK)=0
26
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 15. Regulator Output Voltage Change
During an LDO voltage change the internal reference for the Power-Good detection is also changed. For this
reason the Power Good may toggle during the LDO voltage change can indicate valid output even when the
output voltage is changing. This period takes less than 100 µs and after that time the Power Good gives correct
value.
7.3.6 Enable and Disable Sequences
The LP8733xx-Q1 device supports start-up and shutdown sequencing with programmable delays for different
regulator outputs using single EN control signal. The Buck regulator is selected for delayed control with:
•
BUCKx_EN = 1 in BUCKx_CTRL_1 register
•
BUCKx_EN_PIN_CTRL = 1 in BUCKx_CTRL_1 register
•
BUCKx_VSET[7:0] bits in BUCKx_VOUT register defines the voltage when EN pin is high
•
The delay from rising edge of EN pin to the regulator enable is set by BUCKx_STARTUP_DELAY[3:0] bits in
BUCKx_DELAY register and
•
The delay from falling edge of EN pin to the regulator disable is set by BUCKx_SHUTDOWN_DELAY[3:0] bits
in BUCKx_DELAY register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com