Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
Time
Voltage
VOUTx
350mV
Time
Current
ILIMx
INT_BUCK(BUCKx_ILIM_INT)
20Ps
nINT
BUCK_STAT(BUCKx_STAT)
1
Resistive
pull-down
1
Regulator disabled
by digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1ms
0
1
0
0
INT_BUCK(BUCKx_SC_INT)
0
1
0
34
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 20. Buck Regulator Overload Situation
The LDO regulators include also current limit circuitry. If the load current is increased so that the current limit is
triggered, the regulator limits the output current to the threshold level. The voltage may decrease if the load
current is higher than the current limit. If the current regulation continues for 20 µs, the LP8733xx-Q1 device sets
the LDOx_ILIM_INT bit in INT_LDO register and pulls the nINT pin low. The host processor can read
LDOx_ILIM_STAT bits in LDO_STAT register to see if the regulator is still in current regulation mode and the
interrupt is cleared by writing 1 to LDOx_ILIM_INT bit. The current limit interrupt can be masked by setting
LDOx_ILIM_MASK bit in LDO_MASK register to 1. The LDO overload situation is shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com