Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 7Page - Texas Instruments LP8733 Datasheet HTML 8Page - Texas Instruments LP8733 Datasheet HTML 9Page - Texas Instruments LP8733 Datasheet HTML 10Page - Texas Instruments LP8733 Datasheet HTML 11Page - Texas Instruments LP8733 Datasheet HTML 12Page - Texas Instruments LP8733 Datasheet HTML 13Page - Texas Instruments LP8733 Datasheet HTML 14Page - Texas Instruments LP8733 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
11
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, specified VVANA, VVIN_Bx, VVIN_LDOx, VVOUT_Bx, VVOUT_LDOx
and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = VVIN_LDOx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPU
Supply voltage for
external pullup resistor,
configured to open-drain
VVANA
V
RPU
External pullup resistor,
configured to open-drain
10
k
Ω
ALL DIGITAL INPUTS
ILEAK
Input current
All logic inputs over pin voltage range
−1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com