Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
S
SDA
START
Condition
SCL
P
STOP
Condition
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
SCL
SDA
39
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Programming
7.5.1 I2C-Compatible Interface
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the serial data line (SDA), and the serial clock line (SCL). Every device on
the bus is assigned a unique address and acts as either a master or a slave depending on whether it generates
or receives the serial clock SCL. The SCL and SDA lines must each have a pullup resistor placed on the line and
remain HIGH even when the bus is idle. The LP8733xx-Q1 supports standard mode (100 kHz), fast mode (400
kHz), fast mode plus (1 MHz), and high-speed mode (3.4 MHz).
7.5.1.1 Data Validity
The data on the SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, the
state of the data line can only be changed when clock signal is LOW.
Figure 23. Data Validity Diagram
7.5.1.2 Start and Stop Conditions
The LP8733xx-Q1 is controlled via an I2C-compatible interface. START and STOP conditions classify the
beginning and end of the I2C session. A START condition is defined as SDA transitions from HIGH to LOW while
SCL is HIGH. A STOP condition is defined as SDA transition from LOW to HIGH while SCL is HIGH. The I2C
master always generates the START and STOP conditions.
Figure 24. Start and Stop Sequences
The I2C bus is considered busy after a START condition and free after a STOP condition. During data
transmission the I2C master can generate repeated START conditions. A START and a repeated START
condition are equivalent function-wise. The data on SDA must be stable during the HIGH period of the clock
signal (SCL). In other words, the state of SDA can only be changed when SCL is LOW. Figure 25 shows the
SDA and SCL signal timing for the I2C-compatible bus. See the Figure 1 for timing values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com