Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 14Page - Texas Instruments LP8733 Datasheet HTML 15Page - Texas Instruments LP8733 Datasheet HTML 16Page - Texas Instruments LP8733 Datasheet HTML 17Page - Texas Instruments LP8733 Datasheet HTML 18Page - Texas Instruments LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
FB
+
-
+
-
POWER
GOOD
LOOP
COMP
RAMP
GENERATOR
HS FET
CURRENT
SENSE
LS FET
CURRENT
SENSE
GATE
CONTROL
IADC
VDAC
ERROR
AMP
GND
NEG
CURRENT
LIMIT
ZERO
CROSS
DETECT
SW
POS
CURRENT
LIMIT
VIN
VOUT
CONTROL
BLOCK
PROGRAMMABLE
PARAMETERS
SLAVE
INTERFACE
VOLTAGE
SETTING
SLEW RATE
CONTROL
MASTER
INTERFACE
Copyright © 2016, Texas Instruments Incorporated
18
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
•
Power Good flag with maskable interrupt
•
Power Good signal (PGOOD) with selectable sources
•
Average output current sensing (for PFM entry, phase shedding/adding in dual-phase configuration, and load
current measurement)
•
Current balancing between the phases of the converter in dual-phase configuration
•
Differential voltage sensing from point of the load in dual-phase configuration
•
Dynamic phase shedding/adding, each output being phase shifted in dual-phase configuration
The following parameters can be programmed via registers, the default values are set by OTP bits:
•
Output voltage
•
Forced PWM operation
•
Forced dual-phase operation (forces also the PWM operation)
•
Switch current limit
•
Output voltage slew rate
•
Enable and disable delays
There are two modes of operation for the buck converter, depending on the output current required: pulse-width
modulation (PWM) and pulse-frequency modulation (PFM). The converter operates in PWM mode at high load
currents of approximately 600 mA or higher. When operating in PWM mode in dual-phase configuration the
phases are automatically added/shedded based on the load current level. Lighter output current loads cause the
converter to automatically switch into PFM mode for reduced current consumption when forced PWM mode is
disabled. The forced PWM mode can be selected to maintain fixed switching frequency at all load current levels.
A block diagram of a single core is shown in Figure 8.
Figure 8. Detailed Block Diagram Showing One Core
7.3.1.2 Dual-Phase Operation and Phase-Adding/Shedding
Under heavy load conditions, the dual-phase converter switches both channel 180° apart. As a result, the dual-
phase converter has an effective ripple frequency two times greater than the switching frequency of a single
phase. However, the parallel operation decreases the efficiency at light load conditions. In order to overcome this
operational inefficiency, the LP8733xx-Q1 can change the number of active phases to optimize efficiency for the
variations of the load. This is called phase adding/shedding. The concept is shown in Figure 9.
The converter can be forced to dual-phase operation by the BUCK0_FPWM_MP bit in BUCK0_CTRL_1 register.
If the regulator operates in forced dual-phase mode the forced PWM operation is automatically used. If the dual-
phase operation is not forced, the number of phases are added and shedded automatically to follow the required
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com