Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 85 page
background image
37
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
No glitch filtering, only synchronization.
7.3.10 Digital Signal Filtering
The digital signals have a debounce filtering. The signal or supply is sampled with a clock signal and a counter.
This results as an accuracy of one clock period for the debounce window.
Table 5. Digital Signal Filtering
EVENT
SIGNAL/SUPPLY
RISING EDGE
FALLING EDGE
LENGTH
LENGTH
Enable/disable for BUCKx,
LDOx or GPOx
EN
3 µs(1)
3 µs(1)
VANA UVLO
VANA
3 µs(1) (VANA voltage rising)
Immediate (VANA voltage falling)
VANA overvoltage
VANA
1 µs (VANA voltage rising)
20 µs (VANA voltage falling)
Thermal warning
TDIE_WARN_INT
20 µs
20 µs
Thermal shutdown
TDIE_SD_INT
20 µs
20 µs
Current limit
VOUTx_ILIM
20 µs
20 µs
Overload
FB_B0, FB_B1,
VOUT_LDO0, VOUT_LDO1
1 ms
N/V
PGOOD pin and power-good
interrupt
PGOOD / FB_B0, FB_B1,
VOUT_LDO0, VOUT_LDO1
6 µs
6 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com