Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments LP8733 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
42
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 Register Descriptions
The LP8733xx-Q1 is controlled by a set of registers through the I2C-compatible interface. The device registers,
their addresses and their abbreviations are listed in Table 7. A more detailed description is given in the
DEV_REV to I_LOAD_1 sections.
NOTE
This register map describes the default values for bits that are not read from OTP
memory. The orderable code and the default register bit values are defined in part-number
specific Technical Reference Manuals.
Table 7. Summary of LP8733xx-Q1 Control Registers
Addr
Register
Read /
Write
D7
D6
D5
D4
D3
D2
D1
D0
0x00
DEV_REV
R
DEVICE_ID[1:0]
Reserved
0x01
OTP_REV
R
OTP_ID[7:0]
0x02
BUCK0_
CTRL_1
R/W
Reserved
BUCK0_FP
WM_MP
BUCK0_FP
WM
BUCK0_RDI
S_EN
BUCK0_
EN_PIN_CT
RL
BUCK0_EN
0x03
BUCK0_
CTRL_2
R/W
Reserved
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]
0x04
BUCK1_
CTRL_1
R/W
Reserved
BUCK1_FP
WM
BUCK1_RDI
S_EN
BUCK1_
EN_PIN_CT
RL
BUCK1_EN
0x05
BUCK1_
CTRL_2
R/W
Reserved
BUCK1_ILIM[2:0]
BUCK1_SLEW_RATE[2:0]
0x06
BUCK0_
VOUT
R/W
BUCK0_VSET[7:0]
0x07
BUCK1_
VOUT
R/W
BUCK1_VSET[7:0]
0x08
LDO0_
CTRL
R/W
Reserved
LDO0_RDIS
_EN
LDO0_
EN_PIN_CT
RL
LDO0_EN
0x09
LDO1_
CTRL
R/W
Reserved
LDO1_RDIS
_EN
LDO1_
EN_PIN_CT
RL
LDO1_EN
0x0A
LDO0_
VOUT
R/W
Reserved
LDO0_VSET[4:0]
0x0B
LDO1_
VOUT
R/W
Reserved
LDO1_VSET[4:0]
0x0C
BUCK0_
DELAY
R/W
BUCK0_SHUTDOWN_DELAY[3:0]
BUCK0_STARTUP_DELAY[3:0]
0x0D
BUCK1_
DELAY
R/W
BUCK1_SHUTDOWN_DELAY[3:0]
BUCK1_STARTUP_DELAY[3:0]
0x0E
LDO0_
DELAY
R/W
LDO0_SHUTDOWN_DELAY[3:0]
LDO0_STARTUP_DELAY[3:0]
0x0F
LDO1_
DELAY
R/W
LDO1_SHUTDOWN_DELAY[3:0]
LDO1_STARTUP_DELAY[3:0]
0x10
GPO_
DELAY
R/W
GPO_SHUTDOWN_DELAY[3:0]
GPO_STARTUP_DELAY[3:0]
0x11
GPO2_
DELAY
R/W
GPO2_SHUTDOWN_DELAY[3:0]
GPO2_STARTUP_DELAY[3:0]
0x12
GPO_
CTRL
R/W
Reserved
GPO2_OD
GPO2_
EN_PIN_CT
RL
GPO2_EN
Reserved
GPO_OD
GPO_
EN_PIN_CT
RL
GPO_EN
0x13
CONFIG
R/W
Reserved
STARTUP_
DELAY_SE
L
SHUTDOW
N_DELAY_
SEL
CLKIN_PIN
_SEL
CLKIN_PD
EN_PD
TDIE
_WARN
_LEVEL
EN_
SPREAD
_SPEC
0x14
PLL_CTRL
R/W
Reserved
EN_PLL
Reserved
EXT_CLK_FREQ[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com