Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS20006554A Datasheet(PDF) 44 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 44 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 40Page - Microchip Technology DS20006554A Datasheet HTML 41Page - Microchip Technology DS20006554A Datasheet HTML 42Page - Microchip Technology DS20006554A Datasheet HTML 43Page - Microchip Technology DS20006554A Datasheet HTML 44Page - Microchip Technology DS20006554A Datasheet HTML 45Page - Microchip Technology DS20006554A Datasheet HTML 46Page - Microchip Technology DS20006554A Datasheet HTML 47Page - Microchip Technology DS20006554A Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
ZL30260-ZL30263
Data Sheet
44
© 2021 Microchip Technology Inc.
DS20006554A
Bit 1: GPIO1 State (GPIO1). This real-time status bit indicates the current state of the GPIO1 pin, not influenced by
inversion that may be specified by GPIOCR1.GPIO1C.
0 = low
1 = high
Bit 0: GPIO0 State (GPIO0). This real-time status bit indicates the current state of the GPIO0 pin, not influenced by
inversion that may be specified by GPIOCR1.GPIO0C.
0 = low
1 = high
Register Name:
INTSR
Register Description:
Interrupt Status Register
Register Address:
42h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
OC
IC
—
APLL
INTIE
INT
Default
0
0
0
0
0
0
0
0
Bit 5: Output Clock Interrupt Status (OC). This read-only bit is set if any of the output clock interrupt status bits
are set in the OCISR1 register. See section 5.8.
Bit 4: Input Clock Interrupt Status (IC). This read-only bit is set if any of the input clock interrupt status bits are set
in the ICISR register. See section 5.8.
Bit 2: APLL Interrupt Status (APLL). This read-only bit is set if any of the APLL interrupt status bits are set in the
APLLISR register. See section 5.8.
Bit 1: Interrupt Enable Bit (INTIE). This is the global interrupt enable bit. When this bit is 0 all interrupt sources are
prevented from setting the INT global interrupt status bit (below). See section 5.8.
0 = Interrupts are disabled at the global level
1 = Interrupts are enabled at the global level
Bit 0: Interrupt Status (INT). This read-only bit is set when any of the IC, OC or APLL bits in this INTSR register are
set and the INTIE bit is set. It is also set by GPIO latched status bits that have their corresponding interrupt enable
bits set. This bit can cause an interrupt request when set by configuring one of the GPIO pins to follow it. See section
5.8.
0 = No interrupt
1 = An unmasked interrupt source is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com