Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS20006554A Datasheet(PDF) 17 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 17 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 13Page - Microchip Technology DS20006554A Datasheet HTML 14Page - Microchip Technology DS20006554A Datasheet HTML 15Page - Microchip Technology DS20006554A Datasheet HTML 16Page - Microchip Technology DS20006554A Datasheet HTML 17Page - Microchip Technology DS20006554A Datasheet HTML 18Page - Microchip Technology DS20006554A Datasheet HTML 19Page - Microchip Technology DS20006554A Datasheet HTML 20Page - Microchip Technology DS20006554A Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
ZL30260-ZL30263
Data Sheet
17
© 2021 Microchip Technology Inc.
DS20006554A
System software then writes the newFDIV value directly to the FDIV registers.
Note that any subsequent frequency changes are calculated using the same equation from the original FDIV0 value
and are not a function of the previous newFDIV value.
During NCO operation using the fractional output divider, FREM should be set to 0, FDEN should be set to 1 and
FBP should be set to 0.
5.5.7
Frequency Increment and Decrement
When ACR1.USEFDIV=0 t
he APLL’s feedback divider value can be incremented or decremented by values ranging
from approximately 1ppb to 500ppm. The value AID[23:0] x 27
is added to the APLL’s feedback divider value each
time the trigger specified by AIDCR.FISS changes state. AID[23:0] x 27
is subtracted from the APLL’s feedback
divider value each time the trigger specified by AIDCR.FDSS changes state. The value to be written to AID[23:0] s
as follows:
AID = round(AFBDIV0 * FFO/1e6 / 27)
where FFO is the desired fractional frequency offset (FFO) per increment or decrement step in ppm
AFBDIV0 is the nominal AFBDIV value, obtained by reading AFBDIV when AFBDL.RDCUR=0
The current APLL feedback divider value (i.e. the value after increments and decrements) can be read from the
AFBDIV registers when AFBDL.RDCUR=1. The original value of the AFBDIV registers before increments and
decrements can be read from the AFBDIV registers when AFBDL.RDCUR=0. Incrementing and decrementing only
occur when the APLL is locked (APLLSR.ALK=1). If the APLL loses lock, when it locks again the APLL sets its
feedback divider value back to the AFBDIV0 value. The system must be designed to ensure the current feedback
divider value stays within ±1000ppm of the AFBDIV0 value to avoid causing the APLL to lose lock. The maximum
increment/decrement is 500ppm. Frequency increment/decrement behavior is mutually exclusive with spread-
spectrum modulation (see section 5.5.8) because both behaviors use the AID registers. Frequency
increment/decrement is enabled when ACR1.ENFID=1. When ENFID is set to 0 the APLL feedback divider instantly
changes to the AFBDIV0 value. Therefore, to avoid a frequency jump on output clocks, system software should
increment or decrement back to the AFBDIV0 value before changing ENFID to 0.
5.5.8
Spread-Spectrum Modulation Mode
For EMI-sensitive applications such as PCI Express, the device can perform spread spectrum modulation (SSM). In
SSM the frequency of the output clock is continually varied over a narrow frequency range to spread the energy of
the signal and thereby reduce EMI. This mode is a special case of NCO mode.
Spread spectrum mode is enabled by the ASCR.ENSS bit or by a GPIO pin as specified by ASCR.SPRDSS.
5.5.8.1
Using the APLL’s Feedback Divider
When ACR1.USEFDIV=0 the device performs frequency modulation
by modulating the APLL’s feedback divider
value starting from the nominal value specified in the AFBDIV registers.
For center-spread applications (ASCR.DWNEN=0), the frequency modulation is triangle-wave center-spread of up
to ±0.5% deviation from the center frequency with modulation rate configurable from 25kHz to 55kHz. The spread
deviation and modulation rate are controlled by specifying an increment/decrement step in the AID registers and the
number of APLL input clock cycles to increment and decrement in the ASCNT registers. The values to be written to
the device are calculated as follows:
�������������������� = �������������������� (
������������
4 ∗ ����������������
) − 2
������������ = �������������������� (
����������������
������������
∗
���� ∗ 232
�������������������� + 2
)
where FVCO is the
APLL”s VCO frequency in Hz,
FIN
is the input frequency at the APLL’s PFD in Hz,
FMOD is the spread-spectrum modulation frequency in Hz,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com