Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS20006554A Datasheet(PDF) 1 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 1 Page - Microchip Technology

  DS20006554A Datasheet HTML 1Page - Microchip Technology DS20006554A Datasheet HTML 2Page - Microchip Technology DS20006554A Datasheet HTML 3Page - Microchip Technology DS20006554A Datasheet HTML 4Page - Microchip Technology DS20006554A Datasheet HTML 5Page - Microchip Technology DS20006554A Datasheet HTML 6Page - Microchip Technology DS20006554A Datasheet HTML 7Page - Microchip Technology DS20006554A Datasheet HTML 8Page - Microchip Technology DS20006554A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
ZL30260-ZL30263
1-APLL, 6- or 10-Output Any-to-Any Clock
Multiplier and Frequency Synthesizer
Data Sheet
June 2021
1
DS20006554A
Copyright 2021. Microchip Technology Inc. All Rights Reserved.
Features
• Four Flexible Input Clocks
• One crystal/CMOS input
• Two differential/CMOS inputs
• One single-ended/CMOS input
• Any input frequency from 9.72MHz to 1.25GHz
(300MHz max for CMOS)
• Activity monitors, automatic or manual switching
• Glitchless clock switching by pin or register
• 6 or 10 Any-Frequency, Any-Format Outputs
• Any output frequency from 1Hz to 1045MHz
• High-resolution frac-N APLL with 0ppm error
• The APLL has a fractional divider and an
integer divider to make two independent
frequency families
• Output jitter from integer multiply and dividers
as low as 0.17ps RMS (12kHz-20MHz)
• Output jitter from fractional dividers is typically
< 1ps RMS, many frequencies <0.5ps RMS
• Each output has an independent divider
• Each output configurable as LVDS, LVPECL,
HCSL, 2xCMOS or HSTL
• In 2xCMOS mode, the P and N pins can be
different frequencies (e.g. 125MHz and 25MHz)
• Multiple output supply voltage banks with
CMOS output voltages from 1.5V to 3.3V
• Precise output alignment circuitry and per-
output phase adjustment
• Per-output enable/disable and glitchless
start/stop (stop high or low)
• General Features
• Automatic self-configuration at power-up from
external (ZL30260 or 2) or internal (ZL30261 or 3)
EEPROM; up to 8 configurations pin-selectable
• External feedback for zero-delay applications
• Numerically controlled oscillator mode
• Spread-spectrum modulation mode
• Generates PCIe 1, 2, 3, 4, 5 compliant clocks
• Easy-to-configure design requires no external
VCXO or loop filter components
• SPI or I2C processor Interface
• Core supply voltage options: 2.5V only, 3.3V
only, 1.8V+2.5V or 1.8V+3.3V
• Space-saving 8x8mm QFN56 (0.5mm pitch)
Applications
•
Frequency conversion and frequency synthesis in
a wide variety of equipment types
Figure 1 - Functional Block Diagram
IC1P, IC1N
IC2P, IC2N
XA
XB
IC3P
xtal
driver
Frac DIV
Int DIV
APLL
Fractional-N
x2
DIV
DIV
DIV
DIV
RSTN
IF0/CSN
SCL/SCLK
IF1/MISO
SDA/MOSI
AC0/GPIO0
Microprocessor
Port
(SPI or I2C Serial)
and GPIO Pins
AC1/GPIO1
AC2/GPIO2
TEST/GPIO3
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
OC1P, OC1N
OC2P, OC2N
VDDOB
OC3P, OC3N
OC4P, OC4N
OC5P, OC5N
VDDOC
OC6P, OC6N
OC7P, OC7N
OC8P, OC8N
VDDOF
OC9P, OC9N
VDDOD
OC10P, OC10N
VDDOA
10-output
devices only
VDDOE
bypass
Path 2
x2
Ordering Information
ZL30260LDG1
ext. EEPROM
6 Outputs
Trays
ZL30260LDF1
ext. EEPROM
6 Outputs
Tape and Reel
ZL30261LDG1
int. EEPROM
6 Outputs
Trays
ZL30261LDF1
int. EEPROM
6 Outputs
Tape and Reel
ZL30262LDG1
ext. EEPROM
10 Outputs
Trays
ZL30262LDF1
ext. EEPROM
10 Outputs
Tape and Reel
ZL30263LDG1
int. EEPROM
10 Outputs
Trays
ZL30263LDF1
int. EEPROM
10 Outputs
Tape and Reel
Matte Tin. Package size: 8 x 8 mm, 56 Pin QFN
-40C to +85C
Create and sample your own custom ZL30260-3 here:
https://clockworks.microchip.com/microchip/design/inputZL
Figure 5
Register Map: Section 6.2


Similar Part No. - DS20006554A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DS20006555A MICROCHIP-DS20006555A Datasheet
2Mb / 93P
2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
More results

Similar Description - DS20006554A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5341 SILABS-SI5341_16 Datasheet
5Mb / 53P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Microchip Technology
ZL30264 MICROCHIP-ZL30264 Datasheet
2Mb / 93P
2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com