Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  GRM0332C2A6R9DA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
WEB
Infotainment for automotive
Powertrain/Safety for automotive
Medical-grade products for implanted medical devices
SMD
SMD
SMD
Solder mounting
Solder mounting
Chip type
Chip type
High effective capacitance &
high ripple current
For LCD backlight inverter circuit
only
High effective capacitance &
high ripple current
Soft termination
For information devices only
For camera flash circuit only
High power
Based on the Electrical Appliance
and Material Safety Law of Japan
LW reversed
8 terminals
10 terminals
LW reversed controlled ESR
3 terminals
Low distortion
Low acoustic noise
High effective capacitance &
high ripple current
Microchip
High temperature low loss
High temperature Class 1
Class 2
For LCD backlight inverter circuit
only
Based on the Electrical Appliance
and Material Safety Law of Japan
X1/Y1 Class certified product
X1/Y2 Class certified product
High voltage AC rated
Soft termination
MLSC design
Soft termination MLSC design
MLSC design
3 terminals
High effective capacitance &
high ripple current
Ni plating + Pd plating termination
conductive glue mounting
AgPd termination conductive glue
mounting
150°C operation leaded
200°C operation leaded
For general
SMD
Solder mounting
Chip type
On interposer board
Metal terminal type
Resin molding SMD type
Wire bonding mounting
Lead type
Screw termination mounting
Solder mounting
Chip type
Metal terminal type
Chip type
Chip type
Lead type
Solder mounting
Limited to Conductive Glue Mounting
Solder mounting
p40
p109
p120
p125
p130
p135
p164
p184
p189
p219
p222
p228
p232
p236
p239
p243
p249
p256
GRT
GCM
GRM
GRM
GR3
GRJ
GXM
GR4
GR7
GJM
GQM
GA2
GA3
LLL
LLA
LLM
LLR
NFM
GJ4
GJ8
ZRA
ZRB
KRM
KR3
DK1
GMA
GMD
RDE
DEH
DEA
DEB
DEC
DEF
DHR
DEJ
DE1
DE2
DHS
DHK
GC3
GCJ
GGM
GCQ
GCD
GCE
GGD
NFM
KCM
KC3
KCA
GCB
GCG
RCE
RHE
RHS
DE6
GCH
Selection Guide for Capacitors
C02E.pdf
Nov.27,2017
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com