Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 81 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 81 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
282
!
Caution
2-1. In an Emergency
(1) If the equipment should generate smoke, fire, or
smell, immediately turn o or unplug the
equipment.
If the equipment is not turned o or unplugged, the
hazards may be worsened by supplying continuous
power.
(2) In this type of situation, do not allow face and
hands to come in contact with the capacitor or
burns may be caused by the capacitor's high
temperature.
2-2. Disposal of Waste
When capacitors are disposed of, they must be burned
or buried by an industrial waste vendor with the
appropriate licenses.
2-3. Circuit Design
(1) Addition of Fail Safe Function
Capacitors that are cracked by dropping or bending
of the board may cause deterioration of the
insulation resistance, and result in a short.
If the circuit being used may cause an electrical
shock, smoke or fire when a capacitor is shorted,
be sure to install fail-safe functions, such as a fuse,
to prevent secondary accidents.
(2) Capacitors used to prevent electromagnetic
interference in the primary AC side circuit, or as a
connection/insulation, must be a safety standard
certified product, or satisfy the contents stipulated
in the Electrical Appliance and Material Safety Law.
Install a fuse for each line in case of a short.
(3) The GJM, GMA, GMD, GQM, GR3, GRJ, GRM, KR3,
KRM, LLA, LLL, LLM, LLR, NFM and ZRB series are
not safety standard certified products.
2-4. Test Condition for AC Withstanding Voltage
(1) Test Equipment
Test equipment for AC withstanding voltage
should be made with equipment capable of
creating a wave similar to a 50/60Hz sine wave.
(2) Voltage Applied Method
The capacitor's lead or terminal should be firmly
connected to the output of the withstanding
voltage test equipment, and then the voltage
should be raised from near zero to the test
voltage.
If the test voltage is applied directly to the
capacitor without raising it from near zero, it
should be applied with the zero cross. *At the end
of the test time, the test voltage should be
reduced to near zero, and then capacitor's lead or
terminals should be taken o the output of the
withstanding voltage test equipment.
If the test voltage applied directly to the
capacitor without raising it from near zero, surge
voltage may occur and cause a defect.
*ZERO CROSS is the point where voltage sine wave
passes 0V. - See the figure at right -
2-5. Remarks
Failure to follow the cautions may result, worst case,
in a short circuit and smoking when the product is
used.
The above notices are for standard applications and
conditions. Contact us when the products are used in
special mounting conditions.
Select optimum conditions for operation as they
determine the reliability of the product aer
assembly.
The data herein are given in typical values, not
guaranteed ratings.
2. Other
Continued from the preceding page.
0V
zero cross
Voltage sine wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com