Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 33 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 33 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.55mm 100Vdc CK
1.6pF ±0.05pF
GRM1554C2A1R6WA01#
±0.1pF
GRM1554C2A1R6BA01#
±0.25pF
GRM1554C2A1R6CA01#
1.7pF ±0.05pF
GRM1554C2A1R7WA01#
±0.1pF
GRM1554C2A1R7BA01#
±0.25pF
GRM1554C2A1R7CA01#
1.8pF ±0.05pF
GRM1554C2A1R8WA01#
±0.1pF
GRM1554C2A1R8BA01#
±0.25pF
GRM1554C2A1R8CA01#
1.9pF ±0.05pF
GRM1554C2A1R9WA01#
±0.1pF
GRM1554C2A1R9BA01#
±0.25pF
GRM1554C2A1R9CA01#
2.0pF ±0.05pF
GRM1554C2A2R0WA01#
±0.1pF
GRM1554C2A2R0BA01#
±0.25pF
GRM1554C2A2R0CA01#
CJ
2.1pF ±0.05pF
GRM1553C2A2R1WA01#
±0.1pF
GRM1553C2A2R1BA01#
±0.25pF
GRM1553C2A2R1CA01#
2.2pF ±0.05pF
GRM1553C2A2R2WA01#
±0.1pF
GRM1553C2A2R2BA01#
±0.25pF
GRM1553C2A2R2CA01#
2.3pF ±0.05pF
GRM1553C2A2R3WA01#
±0.1pF
GRM1553C2A2R3BA01#
±0.25pF
GRM1553C2A2R3CA01#
2.4pF ±0.05pF
GRM1553C2A2R4WA01#
±0.1pF
GRM1553C2A2R4BA01#
±0.25pF
GRM1553C2A2R4CA01#
2.5pF ±0.05pF
GRM1553C2A2R5WA01#
±0.1pF
GRM1553C2A2R5BA01#
±0.25pF
GRM1553C2A2R5CA01#
2.6pF ±0.05pF
GRM1553C2A2R6WA01#
±0.1pF
GRM1553C2A2R6BA01#
±0.25pF
GRM1553C2A2R6CA01#
2.7pF ±0.05pF
GRM1553C2A2R7WA01#
±0.1pF
GRM1553C2A2R7BA01#
±0.25pF
GRM1553C2A2R7CA01#
2.8pF ±0.05pF
GRM1553C2A2R8WA01#
±0.1pF
GRM1553C2A2R8BA01#
±0.25pF
GRM1553C2A2R8CA01#
2.9pF ±0.05pF
GRM1553C2A2R9WA01#
±0.1pF
GRM1553C2A2R9BA01#
±0.25pF
GRM1553C2A2R9CA01#
3.0pF ±0.05pF
GRM1553C2A3R0WA01#
±0.1pF
GRM1553C2A3R0BA01#
±0.25pF
GRM1553C2A3R0CA01#
3.1pF ±0.05pF
GRM1553C2A3R1WA01#
±0.1pF
GRM1553C2A3R1BA01#
±0.25pF
GRM1553C2A3R1CA01#
3.2pF ±0.05pF
GRM1553C2A3R2WA01#
±0.1pF
GRM1553C2A3R2BA01#
±0.25pF
GRM1553C2A3R2CA01#
3.3pF ±0.05pF
GRM1553C2A3R3WA01#
±0.1pF
GRM1553C2A3R3BA01#
±0.25pF
GRM1553C2A3R3CA01#
GRM Series Temperature Compensating Type Part Number List
(→ 1.0×0.5mm)
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.55mm 100Vdc CJ
3.4pF ±0.05pF
GRM1553C2A3R4WA01#
±0.1pF
GRM1553C2A3R4BA01#
±0.25pF
GRM1553C2A3R4CA01#
3.5pF ±0.05pF
GRM1553C2A3R5WA01#
±0.1pF
GRM1553C2A3R5BA01#
±0.25pF
GRM1553C2A3R5CA01#
3.6pF ±0.05pF
GRM1553C2A3R6WA01#
±0.1pF
GRM1553C2A3R6BA01#
±0.25pF
GRM1553C2A3R6CA01#
3.7pF ±0.05pF
GRM1553C2A3R7WA01#
±0.1pF
GRM1553C2A3R7BA01#
±0.25pF
GRM1553C2A3R7CA01#
3.8pF ±0.05pF
GRM1553C2A3R8WA01#
±0.1pF
GRM1553C2A3R8BA01#
±0.25pF
GRM1553C2A3R8CA01#
3.9pF ±0.05pF
GRM1553C2A3R9WA01#
±0.1pF
GRM1553C2A3R9BA01#
±0.25pF
GRM1553C2A3R9CA01#
CH
4.0pF ±0.05pF
GRM1552C2A4R0WA01#
±0.1pF
GRM1552C2A4R0BA01#
±0.25pF
GRM1552C2A4R0CA01#
4.1pF ±0.05pF
GRM1552C2A4R1WA01#
±0.1pF
GRM1552C2A4R1BA01#
±0.25pF
GRM1552C2A4R1CA01#
4.2pF ±0.05pF
GRM1552C2A4R2WA01#
±0.1pF
GRM1552C2A4R2BA01#
±0.25pF
GRM1552C2A4R2CA01#
4.3pF ±0.05pF
GRM1552C2A4R3WA01#
±0.1pF
GRM1552C2A4R3BA01#
±0.25pF
GRM1552C2A4R3CA01#
4.4pF ±0.05pF
GRM1552C2A4R4WA01#
±0.1pF
GRM1552C2A4R4BA01#
±0.25pF
GRM1552C2A4R4CA01#
4.5pF ±0.05pF
GRM1552C2A4R5WA01#
±0.1pF
GRM1552C2A4R5BA01#
±0.25pF
GRM1552C2A4R5CA01#
4.6pF ±0.05pF
GRM1552C2A4R6WA01#
±0.1pF
GRM1552C2A4R6BA01#
±0.25pF
GRM1552C2A4R6CA01#
4.7pF ±0.05pF
GRM1552C2A4R7WA01#
±0.1pF
GRM1552C2A4R7BA01#
±0.25pF
GRM1552C2A4R7CA01#
4.8pF ±0.05pF
GRM1552C2A4R8WA01#
±0.1pF
GRM1552C2A4R8BA01#
±0.25pF
GRM1552C2A4R8CA01#
4.9pF ±0.05pF
GRM1552C2A4R9WA01#
±0.1pF
GRM1552C2A4R9BA01#
±0.25pF
GRM1552C2A4R9CA01#
5.0pF ±0.05pF
GRM1552C2A5R0WA01#
±0.1pF
GRM1552C2A5R0BA01#
±0.25pF
GRM1552C2A5R0CA01#
5.1pF ±0.05pF
GRM1552C2A5R1WA01#
±0.1pF
GRM1552C2A5R1BA01#
±0.25pF
GRM1552C2A5R1CA01#
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com