Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 80 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 80 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
281
!
Caution
1-1. Do not touch a capacitor directly with bare hands
during operation in order to avoid the danger of an
electric shock.
1-2. Do not allow the terminals of a capacitor to come in
contact with any conductive objects (short-circuit).
Do not expose a capacitor to a conductive liquid,
including any acid or alkali solutions.
1-3. Confirm the environment in which the equipment will
operate is under the specified conditions.
Do not use the equipment under the following
environments.
(1) Being spattered with water or oil.
(2) Being exposed to direct sunlight.
(3) Being exposed to ozone, ultraviolet rays, or
radiation.
(4) Being exposed to toxic gas (e.g., hydrogen sulfide,
sulfur dioxide, chlorine, ammonia gas, etc.)
(5) Any vibrations or mechanical shocks exceeding the
specified limits.
(6) Moisture condensing environments.
1-4. Use damp proof countermeasures if using under any
conditions that can cause condensation.
Other
<Applicable to GMA or GMD Series>
1. Die Bonding of Capacitors
1-1. Use the following materials for the Brazing alloys:
Au-Sn (80/20) 300 to 320 °C in N2 atmosphere
1-2. Mounting
(1) Control the temperature of the substrate so it
matches the temperature of the brazing alloy.
(2) Place the brazing alloy on the substrate and place
the capacitor on the alloy. Hold the capacitor and
gently apply the load. Be sure to complete the
operation within 1 minute.
2. Wire Bonding
2-1. Wire
Gold wire: 25 micro m (0.001 inch) diameter
2-2. Bonding
(1) Thermo compression, ultrasonic ball bonding.
(2) Required stage temperature: 150 to 200 °C
(3) Required wedge or capillary weight: 0.2N to 0.5N
(4) Bond the capacitor and base substrate or other
devices with gold wire.
9. Die Bonding/Wire Bonding
1. Under Operation of Equipment
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com