Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 86 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 86 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 89Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
287
Notice
Continued from the preceding page.
Continued on the following page.
Land Pattern
Land Pattern
+ Solder Resist
Solder Resist
(in mm)
NFM15CC
NFM15PC
NFM18CC
NFM18PC
NFM18PS
NFM21CC
NFM21PC
NFM21PS
o
Reflow Soldering
o
Reflow Soldering
o
Flow Soldering
Chip mounting side
Chip mounting side
NFM3DCC
NFM3DPC
NFM31PC
NFM41CC
NFM41PC
4.4
4.4
6.0
1.4
1.4
2.0
Part
Number
Size (mm)
d
1.0
1.2
1.2
e
2.0
2.6
2.6
f
2.4
3.0
3.0
g
1.0
1.0
1.5
a b
2.5
2.5
3.5
c
NFM3DCC
NFM3DPC
NFM31PC
NFM31KC
NFM41CC
NFM41PC
NFM3DCC
NFM3DPC
NFM31PC
NFM41CC
NFM41PC
4.4
4.4
6.0
1.4
1.4
2.0
Part
Number
Size (mm)
d
1.0
1.2
1.2
e
2.0
2.6
2.6
f
2.4
3.0
3.0
g
1.0
1.0
1.5
a b
2.5
2.5
3.5
c
a
b
c
d
Small diameter thru hole ø0.4
Small diameter thru hole ø0.4
b
a
c
d
NFM3DCC/NFM3DPC/NFM31PC/NFM41CC/NFM41PC
Small diameter thru hole ø0.4
10mm or
more
(in case of
10A)
1.4
1.0
2.5
4.4
NFM31KC*1
*1 For large current
design, width of
signal land pattern
should be wider not
less than 1mm per
1A (1mm/A).
For example,
in case of 10A, signal
land pattern width
should be 10mm or
more.
(1mm/A*10A=10mm)
*1 For large current
design, width of
signal land pattern
should be wider not
less than 1mm per
1A (1mm/A).
For example,
in case of 10A, signal
land pattern width
should be 10mm or
more.
(1mm/A*10A=10mm)
Small diameter thru hole ø0.4
1.4
1.0
2.5
4.4
NFM31KC*1
10mm or
more
(in case of
10A)
NFM18PS
NFM21PS
0.4
0.6
1.0
2.2
Small diameter thru hole ø0.2-ø0.3
1.2
0.8
2.0
0.05
Small diameter thru hole ø0.2
NFM18CC/NFM18PC
1.6
1.8
1.2
0.8
2.6
Small diameter thru hole ø0.2-ø0.3
0.25
0.7
1.3
Filled via
ø0.15
NFM15CC/NFM15PC
NFM21CC/NFM21PC
0.6
1.4
2.6
Small diameter thru hole ø0.4
<Applicable to NFM Series>
Series
Land Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com