Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 88 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 88 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 89Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
289
Notice
Continued from the preceding page.
[Sizes: 1205(3212M) / 1206(3216M) / 1806(4516M)]
Bonding agent
Coating position of
bonding agent
The flux in the solder paste contains halogen-based
substances and organic acids as activators.
Strong acidic flux can corrode the capacitor and degrade
its performance.
Please check the quality aer mounting, please use.
6. Reflow Soldering
o
Set temperature and time to ensure that leaching of the
terminations does not exceed 25% of the chip end area
as a single chip (full length of the edge A-B-C-D shown at
right) and 25% of the length A-B shown as mounted on
substrate.
[As a Single Chip]
[As Mounted on Substrate]
5. Flow Soldering
A
B
C
D
Termination (Outer Electrode)
A
B
4. Flux for Flow Soldering
1. An excessive amount of flux generates a large quantity of
flux gas, which can cause a deterioration of solderability,
so apply flux thinly and evenly throughout. (A foaming
system is generally used for flow soldering.)
2. Flux containing too high a percentage of halide may cause
corrosion of the terminations unless there is sucient
cleaning. Use flux with a halide content of 0.1% max.
3. Strong acidic flux can corrode the capacitor and degrade
its performance.
Please check the quality of capacitor aer mounting.
3. Adhesive Curing
1. Insucient curing of the adhesive can cause chips to
disconnect during flow soldering and causes deterioration
in the insulation resistance between the terminations due
to moisture absorption.
Control curing temperature and time in order to prevent
insucient hardening.
Continued on the following page.
(2) Use the following illustration as a guide to the
amount of adhesive to apply.
Cross Sectional View
Side View
Resist
Adhesive
Land
Board
<Applicable to NFM Series>
[Sizes: 0603(1608M) / 0805(2012M) / 1206(3216M)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com