Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 75 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 75 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
276
!
Caution
Solder Amount
in section
4-3. Correction of Soldered Portion
When sudden heat is applied to the capacitor, distortion
caused by the large temperature dierence occurs
internally, and can be the cause of cracks. Capacitors also
tend to be aected by mechanical and thermal stress
depending on the board preheating temperature or the
soldering fillet shape, and can be the cause of cracks. Please
refer to "1. PCB Design" or "3. Optimum solder amount" for
the solder amount and the fillet shapes.
Do not correct with a soldering iron for ZRB series.
Correction with a soldering iron for ZRB series may cause
loss suppress acoustic noise, because the solder amount
become excessive.
1. Correction with a Soldering Iron
1-1. In order to reduce damage to the capacitor, be sure
to preheat the capacitor and the mounting board.
Preheat to the temperature range shown in Table 3.
A hot plate, hot air type preheater, etc. can be used
for preheating.
1-2. Aer soldering, do not allow the component/PCB to
cool down rapidly.
1-3. Perform the corrections with a soldering iron as
quickly as possible. If the soldering iron is applied too
long, there is a possibility of causing solder leaching
on the terminal electrodes, which will cause
deterioration of the adhesive strength and other
problems.
2. Correction with Spot Heater
Compared to local heating with a soldering iron, hot air
heating by a spot heater heats the overall component and
board, therefore, it tends to lessen the thermal shock. In
the case of a high density mounted board, a spot heater
can also prevent concerns of the soldering iron making
direct contact with the component.
2-1. If the distance from the hot air outlet of the spot
heater to the component is too close, cracks may
occur due to thermal shock. To prevent this problem,
follow the conditions shown in Table 4.
2-2. In order to create an appropriate solder fillet shape, it is
recommended that hot air be applied at the angle shown
in Figure 1.
3. Optimum solder amount when re-working with a soldering iron
3-1. If the solder amount is excessive, the risk of cracking is
higher during board bending or any other stressful
condition.
Too little solder amount results in a lack of adhesive
strength on the termination, which may result in chips
breaking loose from the PCB.
Please confirm that solder has been applied smoothly and
rising to the end surface of the chip.
Table 3
GJM/GQM/GR3/GRJ/GRM/GR7
∆T<=190°C
∆T<=130°C
350°C max.
280°C max.
150°C min.
150°C min.
Air
Air
*Applicable for both Pb-Sn and Lead Free Solder.
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
*Please manage ∆T in the temperature of soldering iron and the preheating temperature.
GRJ/GRM/GR4/GA2/GA3
GQM
03/15/18/21/31
NFM
∆T<=190°C
350°C max.
340°C max.
150°C min.
Air
3D/41
15
32/42/43/52/55
22
Table 4
Hot Air Application Angle
45° *Figure 1
Distance
5mm or more
Hot Air Temperature Nozzle Outlet 400°C max.
Application Time
Less than 10 seconds
(1206 (3216M) size or smaller)
Less than 30 seconds
(1210 (3225M) size or larger)
an Angle of 45°
One-hole Nozzle
[*Figure 1]
Series
Chip Dimension Code
(L/W)
Temperature
Di erential (∆T)
Atmosphere
Temperature of
Soldering Iron Tip
Preheating
Temperature
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com