Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 72 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 72 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
273
!
Caution
4-1. Reflow Soldering
1. When sudden heat is applied to the components, the
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage to the components, preheating is
required for both the components and the PCB.
Preheating conditions are shown in table 1. It is required to
keep the temperature dierential between the solder and
the components surface (∆T) as small as possible.
2. When components are immersed in solvent aer mounting,
be sure to maintain the temperature dierence (∆T)
between the component and the solvent within the range
shown in table 1.
Recommended Conditions
[Example of Temperature Conditions for Reflow Soldering]
[Allowable Reflow Soldering Temperature and Time]
In the case of repeated soldering, the accumulated
soldering time must be within the range shown above.
Temperature
Incase of Lead Free Solder
( ): In case of Pb-Sn Solder
Soldering Time (s)
260
270
280
250
240
230
220
0
30
60
90
120
Peak Temperature
Atmosphere
Pb-Sn Solder
230 to 250°C
Air
Lead Free Solder
240 to 260°C
Air or N2
60-120 seconds 30-60 seconds
∆T
Gradual
Cooling
Soldering
Preheating
220°C (200°C)
190°C (170°C)
170°C (150°C)
150°C (130°C)
Time
Temperature (°C)
Peak Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
3. When a capacitor is mounted at a temperature lower
than the peak reflow temperature recommended by the
solder manufacturer, the following quality problems can
occur. Consider factors such as the placement of
peripheral components and the reflow temperature
setting to prevent the capacitor’s reflow temperature
from dropping below the peak temperature specified. Be
sure to evaluate the mounting situation beforehand and
verify that none of the following problems occur.
• Drop in solder wettability
• Solder voids
• Possible occurrence of whiskering
• Drop in bonding strength
• Drop in self-alignment properties
• Possible occurrence of tombstones and/or shifting on
the land patterns of the circuit board
GRM/GJM/GQM/GR3/
GRJ/KRM/LLR/NFM/GR7 02/03/15/18/21/31
LLL
02/03/15/18/1U/21/31
ZRB
15/18
GR3/GRJ/GRM/KR3/KRM
GA2/GA3/GR4
32/42/43/52/55
LLA/LLM
18/21/31
GQM
22
∆T<=190°C
∆T<=130°C
Series
Chip Dimension Code
(L/W)
Temperature
Dierential
Table 1
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com