Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 66 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 66 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
267
!
Caution
3. Applied Voltage and Applied Current
1. Do not apply a voltage to the capacitor that exceeds the
rated voltage as called out in the specifications.
1-1. Applied voltage between the terminals of a capacitor
shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage,
the zero-to-peak voltage shall not exceed the
rated DC voltage.
When AC voltage or pulse voltage is applied, the
peak-to-peak voltage shall not exceed the rated
DC voltage.
(2) Abnormal voltages (surge voltage, static
electricity, pulse voltage, etc.) shall not exceed
the rated DC voltage.
1-2. Influence of over voltage
Over voltage that is applied to the capacitor may
result in an electrical short circuit caused by the
breakdown of the internal dielectric layers.
The time duration until breakdown depends on the
applied voltage and the ambient temperature.
2. Use a safety standard certified capacitor in a power
supply input circuit (AC filter), as it is also necessary to
consider the withstand voltage and impulse withstand
voltage defined for each device.
<Applicable to NFM Series>
3. The capacitors also have rated currents.
The current flowing between the terminals of a capacitor
shall be less than or equal to the rated current. Using the
capacitor beyond this range could lead to excessive heat.
Typical Voltage Applied to the DC Capacitor
(E: Maximum possible applied voltage.)
DC Voltage
DC Voltage+AC
AC Voltage
Pulse Voltage
E
0
E
0
E
0
E
0
4. Type of Applied Voltage and Self-heating Temperature
1. Confirm the operating conditions to make sure that no large
current is flowing into the capacitor due to the continuous
application of an AC voltage or pulse voltage.
When a DC rated voltage product is used in an AC voltage
circuit or a pulse voltage circuit, the AC current or pulse
current will flow into the capacitor; therefore check the
self-heating condition.
Please confirm the surface temperature of the capacitor so
that the temperature remains within the upper limits of the
operating temperature, including the rise in temperature due
to self-heating. When the capacitor is used with a
high-frequency voltage or pulse voltage, heat may be
generated by dielectric loss.
<Applicable to Rated Voltage of less than 100VDC>
1-1. The load should be contained so that the self-heating of
the capacitor body remains below 20°C, when
measuring at an ambient temperature of 25°C.
1
10
100
0
1
2
3
4
5
6
Current (Ar.m.s.)
[Example of Temperature Rise (Heat Generation)
in Chip Multilayer Ceramic Capacitors in Contrast
to Ripple Current]
Sample: R (R1) characteristics 10µF,
Rated voltage: DC10V
Ripple Current
100kHz
500kHz
1MHz
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com