Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 85 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 85 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 89Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
286
Notice
LLM
21
2.0g1.25
(in mm)
Chip
(LgW)
0.6 to 0.8
a
(0.3 to 0.5)
b, b'
0.3
c, c'
2.0 to 2.6
d
1.3 to 1.8
e
1.4 to 1.6
f
0.5
p
Table 5 LLM Series Reflow Soldering Method
b=(c-e)/2, b'=(d-f)/2
[Land for LLA Series]
[Land for LLM Series]
c
p
f
b'
d
Solder Resist
Solder Resist
p
c
Chip Capacitor
Chip Capacitor
Land
Land
2-2. Dimensions of Slit (Example)
Preparing the slit helps flux cleaning and resin
coating on the back of the capacitor.
However, the length of the slit design should be as
short as possible to prevent mechanical damage in
the capacitor.
A longer slit design might receive more severe
mechanical stress from the PCB.
Recommended slit design is shown in the Table.
1.6g0.8
2.0g1.25
3.2g1.6
3.2g2.5
4.5g2.0
4.5g3.2
5.7g2.8
5.7g5.0
–
–
1.0 to 2.0
1.0 to 2.0
1.0 to 2.8
1.0 to 2.8
1.0 to 4.0
1.0 to 4.0
–
–
3.2 to 3.7
4.1 to 4.6
3.6 to 4.1
4.8 to 5.3
4.4 to 4.9
6.6 to 7.1
LgW
d
e
(in mm)
<Applicable to beyond Rated Voltage of 200VDC>
Land
Solder Resist
L
Chip Capacitor
Slit
d
Series
Chip Dimension Code
(L/W)
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com