Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 67 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 67 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
268
!
Caution
<Applicable to Temperature Characteristics X7R (R7),
X7T (D7), X7T (W0) beyond Rated Voltage of 200VDC>
1-2. The load should be contained so that the self-heating
of the capacitor body remains below 20°C, when
measuring at an ambient temperature of 25°C. In
addition, use a K thermocouple of ø0.1mm with less
heat capacity when measuring, and measure in a
condition where there is no eect from the radiant
heat of other components or air flow caused by
convection. Excessive generation of heat may cause
deterioration of the characteristics and reliability of the
capacitor. (Absolutely do not perform measurements
while the cooling fan is operating, as an accurate
measurement may not be performed.)
<Applicable to Temperature Characteristics U2J (7U),
C0G (5C) beyond Rated Voltage of 200VDC>
1-3. Since the self-heating is low in the low loss series, the
allowable power becomes extremely high compared to
the common X7R (R7) characteristics.
However, when a load with self-heating of 20°C is
applied at the rated voltage, the allowable power may
be exceeded. When the capacitor is used in a
high-frequency voltage circuit of 1kHz or more, the
frequency of the applied voltage should be less than
500kHz sine wave (less than 100kHz for a product
with rated voltage of DC3.15kV), to limit the voltage
load so that the load remains within the derating
shown in the following figure. In the case of non-sine
wave, high-frequency components exceeding the
fundamental frequency may be included. In such a case,
please contact Murata. The excessive generation of
heat may cause deterioration of the characteristics
and reliability of the capacitor.
(Absolutely do not perform measurements while the
cooling fan is operating, as an accurate measurement
may not be performed.)
The surface temperature of the capacitor: 125°C or less
(including self-heating)
[The sine-wave frequency VS allowable voltage]
C0G (5C) char., Rated Voltage: DC250V
0805/2012 (in inch/mm) size
C0G (5C) char., Rated Voltage: DC250V
1206/3216 (in inch/mm) size
Frequency [kHz]
100
(200)
1000
1000
100
10
1
to 330pF
C0G (5C) char., Rated Voltage: DC200V
C0G (5C) char., Rated Voltage: DC500V
Frequency [kHz]
100
(500)
1000
1000
100
10
1
to 560pF
820pF
680pF
1,000pF
C0G char., Rated Voltage: DC630V
Continued from the preceding page.
Continued on the following page.
C0G char., Rated Voltage: DC1kV
1000
100
10
10
1000
100
Frequency [kHz]
4,700pF
to 3,900pF
6,800pF
10,000pF
15,000pF
1000
100
10
10
1000
100
Frequency [kHz]
4,700pF
to 3,900pF
1000
100
10
100
1000
(630V)
560pF
to 470pF
680pF
820pF
1,000pF
1,500pF
2,200pF
3,300pF
Frequency [kHz]
1000
100
10
100
10000
1000
Frequency [kHz]
220pF
to 100pF
1,000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com