Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 69 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 69 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
270
!
Caution
5. DC Voltage and AC Voltage Characteristics
1. The capacitance value of a high dielectric constant type
capacitor changes depending on the DC voltage applied.
Please consider the DC voltage characteristics when a
capacitor is selected for use in a DC circuit.
1-1. The capacitance of ceramic capacitors may change
sharply depending on the applied voltage (see figure).
Please confirm the following in order to secure the
capacitance.
(1) Determine whether the capacitance change
caused by the applied voltage is within the
allowed range.
(2) In the DC voltage characteristics, the rate of
capacitance change becomes larger as voltage
increases, even if the applied voltage is below the
rated voltage. When a high dielectric constant
type capacitor is used in a circuit that requires a
tight (narrow) capacitance tolerance (e.g., a time
constant circuit), please carefully consider the
voltage characteristics, and confirm the various
characteristics in the actual operating conditions
of the system.
2. The capacitance values of high dielectric constant type
capacitors changes depending on the AC voltage applied.
Please consider the AC voltage characteristics when
selecting a capacitor to be used in an AC circuit.
-60
-50
-40
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
AC Voltage (Vr.m.s.)
-100
-80
-60
-40
-20
0
20
0
10
20
30
40
50
DC Voltage (V)
[Example of DC Voltage Characteristics]
Sample: X7R (R7) Characteristics 0.1µF,
Rated Voltage 50VDC
[Example of AC Voltage Characteristics]
Sample: X7R (R7) Characteristics 10µF,
Rated Voltage 6.3VDC
6. Capacitance Aging
1. The high dielectric constant type capacitors have an
Aging characteristic in which the capacitance value
decreases with the passage of time.
When you use high dielectric constant type capacitors in
a circuit that needs a tight (narrow) capacitance
tolerance (e.g., a time-constant circuit), please carefully
consider the characteristics of these capacitors, such as
their aging, voltage, and temperature characteristics. In
addition, check capacitors using your actual appliances at
the intended environment and operating conditions.
-40
-30
-20
-10
0
10
20
10
100
1000
10000
Time (h)
[Example of Change Over Time (Aging Characteristics)]
C0G (5C)
X7R (R7)
X5R (R6)
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com