Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 50Vdc C0G
9.6pF
±0.5pF
GRM0225C1H9R6DA03#
9.7pF ±0.05pF
GRM0225C1H9R7WA03#
±0.1pF
GRM0225C1H9R7BA03#
±0.25pF
GRM0225C1H9R7CA03#
±0.5pF
GRM0225C1H9R7DA03#
9.8pF ±0.05pF
GRM0225C1H9R8WA03#
±0.1pF
GRM0225C1H9R8BA03#
±0.25pF
GRM0225C1H9R8CA03#
±0.5pF
GRM0225C1H9R8DA03#
9.9pF ±0.05pF
GRM0225C1H9R9WA03#
±0.1pF
GRM0225C1H9R9BA03#
±0.25pF
GRM0225C1H9R9CA03#
±0.5pF
GRM0225C1H9R9DA03#
10pF
±2%
GRM0225C1H100GA03#
±5%
GRM0225C1H100JA03#
11pF
±2%
GRM0225C1H110GA03#
±5%
GRM0225C1H110JA03#
12pF
±2%
GRM0225C1H120GA03#
±5%
GRM0225C1H120JA03#
13pF
±2%
GRM0225C1H130GA03#
±5%
GRM0225C1H130JA03#
15pF
±2%
GRM0225C1H150GA03#
±5%
GRM0225C1H150JA03#
16pF
±2%
GRM0225C1H160GA03#
±5%
GRM0225C1H160JA03#
17pF
±5%
GRM0225C1H170JA02#
18pF
±5%
GRM0225C1H180JA02#
19pF
±5%
GRM0225C1H190JA02#
20pF
±5%
GRM0225C1H200JA02#
21pF
±5%
GRM0225C1H210JA02#
22pF
±5%
GRM0225C1H220JA02#
23pF
±5%
GRM0225C1H230JA02#
24pF
±5%
GRM0225C1H240JA02#
27pF
±5%
GRM0225C1H270JA02#
30pF
±5%
GRM0225C1H300JA02#
33pF
±5%
GRM0225C1H330JA02#
36pF
±5%
GRM0225C1H360JA02#
39pF
±5%
GRM0225C1H390JA02#
43pF
±5%
GRM0225C1H430JA02#
47pF
±5%
GRM0225C1H470JA02#
51pF
±5%
GRM0225C1H510JA02#
56pF
±5%
GRM0225C1H560JA02#
62pF
±5%
GRM0225C1H620JA02#
68pF
±5%
GRM0225C1H680JA02#
75pF
±5%
GRM0225C1H750JA02#
82pF
±5%
GRM0225C1H820JA02#
91pF
±5%
GRM0225C1H910JA02#
100pF
±5%
GRM0225C1H101JA02#
CK
0.20pF ±0.05pF
GRM0224C1HR20WA03#
±0.1pF
GRM0224C1HR20BA03#
0.30pF ±0.05pF
GRM0224C1HR30WA03#
±0.1pF
GRM0224C1HR30BA03#
0.40pF ±0.05pF
GRM0224C1HR40WA03#
±0.1pF
GRM0224C1HR40BA03#
GRM Series Temperature Compensating Type Part Number List
(→ 0.4×0.2mm)
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.22mm 50Vdc
CK
0.50pF ±0.05pF
GRM0224C1HR50WA03#
±0.1pF
GRM0224C1HR50BA03#
0.51pF ±0.05pF
GRM0224C1HR51WA03#
0.60pF ±0.05pF
GRM0224C1HR60WA03#
±0.1pF
GRM0224C1HR60BA03#
0.70pF ±0.05pF
GRM0224C1HR70WA03#
±0.1pF
GRM0224C1HR70BA03#
0.80pF ±0.05pF
GRM0224C1HR80WA03#
±0.1pF
GRM0224C1HR80BA03#
0.90pF ±0.05pF
GRM0224C1HR90WA03#
±0.1pF
GRM0224C1HR90BA03#
1.0pF ±0.05pF
GRM0224C1H1R0WA03#
±0.1pF
GRM0224C1H1R0BA03#
±0.25pF
GRM0224C1H1R0CA03#
1.1pF ±0.05pF
GRM0224C1H1R1WA03#
±0.1pF
GRM0224C1H1R1BA03#
±0.25pF
GRM0224C1H1R1CA03#
1.2pF ±0.05pF
GRM0224C1H1R2WA03#
±0.1pF
GRM0224C1H1R2BA03#
±0.25pF
GRM0224C1H1R2CA03#
1.3pF ±0.05pF
GRM0224C1H1R3WA03#
±0.1pF
GRM0224C1H1R3BA03#
±0.25pF
GRM0224C1H1R3CA03#
1.4pF ±0.05pF
GRM0224C1H1R4WA03#
±0.1pF
GRM0224C1H1R4BA03#
±0.25pF
GRM0224C1H1R4CA03#
1.5pF ±0.05pF
GRM0224C1H1R5WA03#
±0.1pF
GRM0224C1H1R5BA03#
±0.25pF
GRM0224C1H1R5CA03#
1.6pF ±0.05pF
GRM0224C1H1R6WA03#
±0.1pF
GRM0224C1H1R6BA03#
±0.25pF
GRM0224C1H1R6CA03#
1.7pF ±0.05pF
GRM0224C1H1R7WA03#
±0.1pF
GRM0224C1H1R7BA03#
±0.25pF
GRM0224C1H1R7CA03#
1.8pF ±0.05pF
GRM0224C1H1R8WA03#
±0.1pF
GRM0224C1H1R8BA03#
±0.25pF
GRM0224C1H1R8CA03#
1.9pF ±0.05pF
GRM0224C1H1R9WA03#
±0.1pF
GRM0224C1H1R9BA03#
±0.25pF
GRM0224C1H1R9CA03#
2.0pF ±0.05pF
GRM0224C1H2R0WA03#
±0.1pF
GRM0224C1H2R0BA03#
±0.25pF
GRM0224C1H2R0CA03#
CJ
2.1pF ±0.05pF
GRM0223C1H2R1WA03#
±0.1pF
GRM0223C1H2R1BA03#
±0.25pF
GRM0223C1H2R1CA03#
2.2pF ±0.05pF
GRM0223C1H2R2WA03#
±0.1pF
GRM0223C1H2R2BA03#
±0.25pF
GRM0223C1H2R2CA03#
2.3pF ±0.05pF
GRM0223C1H2R3WA03#
±0.1pF
GRM0223C1H2R3BA03#
±0.25pF
GRM0223C1H2R3CA03#
2.4pF ±0.05pF
GRM0223C1H2R4WA03#
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com