Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 63 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 63 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.0mm 3150Vdc U2J
33pF
±5%
GRM42A7U3F330JW31#
39pF
±5%
GRM42A7U3F390JW31#
47pF
±5%
GRM42A7U3F470JW31#
56pF
±5%
GRM42A7U3F560JW31#
68pF
±5%
GRM42A7U3F680JW31#
82pF
±5%
GRM42A7U3F820JW31#
100pF
±5%
GRM42A7U3F101JW31#
GRM Series Temperature Compensating Type Part Number List
(→ 4.5×2.0mm)
4.5×3.2mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.5mm 1000Vdc U2J 2700pF
±5%
GRM43Q7U3A272JW31#
3300pF
±5%
GRM43Q7U3A332JW31#
630Vdc U2J 12000pF ±5%
GRM43Q7U2J123JW31#
500Vdc U2J 12000pF ±5%
GRM43Q7U2H123JW31#
2.0mm 1000Vdc U2J 3900pF
±5%
GRM43D7U3A392JW31#
4700pF
±5%
GRM43D7U3A472JW31#
630Vdc U2J 15000pF ±5%
GRM43D7U2J153JW31#
18000pF ±5%
GRM43D7U2J183JW31#
22000pF ±5%
GRM43D7U2J223JW31#
500Vdc U2J 15000pF ±5%
GRM43D7U2H153JW31#
18000pF ±5%
GRM43D7U2H183JW31#
22000pF ±5%
GRM43D7U2H223JW31#
5.7×5.0mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
1.5mm 1000Vdc U2J 5600pF
±5%
GRM55Q7U3A562JW31#
6800pF
±5%
GRM55Q7U3A682JW31#
630Vdc U2J 27000pF ±5%
GRM55Q7U2J273JW31#
500Vdc U2J 27000pF ±5%
GRM55Q7U2H273JW31#
2.0mm 1000Vdc U2J 8200pF
±5%
GRM55D7U3A822JW31#
10000pF ±5%
GRM55D7U3A103JW31#
630Vdc U2J 33000pF ±5%
GRM55D7U2J333JW31#
39000pF ±5%
GRM55D7U2J393JW31#
47000pF ±5%
GRM55D7U2J473JW31#
500Vdc U2J 33000pF ±5%
GRM55D7U2H333JW31#
39000pF ±5%
GRM55D7U2H393JW31#
47000pF ±5%
GRM55D7U2H473JW31#
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com