Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 68 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 68 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
269
!
Caution
U2J (7U) char., Rated Voltage: DC3.15kV
Frequency [kHz]
1000
100
10
1
1000
(3150)
10000
to 33pF
47pF
100pF
100
1000
10000
U2J (7U) char., Rated Voltage: DC2kV
Frequency [kHz]
1000
(500)
100
10
1
to 100pF
150pF
220pF
U2J (7U) char., Rated Voltage: DC630V
Frequency [kHz]
1000
100
10
1
10
100
1000
1,000pF
to 680pF
2,200pF
4,700pF
10,000pF
22,000pF
47,000pF
Frequency [kHz]
U2J (7U) char., Rated Voltage: DC1kV
1000
100
10
1
10
100
10000
1000
1,000pF
to 470pF
10,000pF
4,700pF
2,200pF
U2J (7U) char., Rated Voltage: DC500V
U2J (7U) char., Rated Voltage: DC200V
Frequency [kHz]
1000
100
10
1
10
100
(200)
1000
Frequency [kHz]
1000
100
10
1
10
100
(250)
1000
Frequency [kHz]
1000
100
10
1
10
100
(500)
1000
U2J (7U) char., Rated Voltage: DC250V
to 2,200pF
4,700pF
4,700pF
10,000pF
10,000pF
22,000pF
22,000pF
47,000pF
47,000pF
to 2,200pF
2,200pF
4,700pF
10,000pF
22,000pF
47,000pF
to 1,000pF
[The sine-wave frequency VS allowable voltage]
The surface temperature of the capacitor: 125°C or less
(including self-heating)
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com