Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 78 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 78 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
279
!
Caution
(2) Example of a Disc Separator
An outline of a disc separator is shown as follows.
As shown in the Principle of Operation, the top
blade and bottom blade are aligned with the
V-grooves on the printed circuit board to
separate the board.
In the following case, board deflection stress will
be applied and cause cracks in the capacitors.
(1) When the adjustment of the top and bottom
blades are misaligned, such as deviating in the
top-bottom, le-right or front-rear directions
(2) The angle of the V groove is too low, depth of
the V groove is too shallow, or the V groove is
misaligned top-bottom
IF V groove is too deep, it is possible to brake
when you handle and carry it. Carefully design
depth of the V groove with consideration about
strength of material of the printed circuit board.
V-groove
Printed Circuit Board
[Outline of Machine]
[Principle of Operation]
[Cross-section Diagram]
Top Blade
Top Blade
Bottom Blade
Bottom Blade
Top Blade
Bottom Blade
Top Blade
Bottom Blade
Top Blade
Bottom Blade
Top Blade
Printed Circuit Board
V-groove
Recommended
Not Recommended
Top-bottom Misalignment
Le-right Misalignment
Front-rear Misalignment
(3) Example of Router Type Separator
The router type separator performs cutting by a
router rotating at a high speed. Since the board
does not bend in the cutting process, stress on
the board can be suppressed during board
separation.
When attaching or removing boards to/from the
router type separator, carefully handle the boards
to prevent bending.
[Outline Drawing]
Example of Recommended
V-groove Design
Not Recommended
Le-right Misalignment
Low-Angle
Depth too Shallow
Depth too Deep
Router
Disc Separator
V-groove Design
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com