Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 71 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 71 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
272
!
Caution
3. Maintenance of the Mounting (pick and place) Machine
1. Make sure that the following excessive forces are not
applied to the capacitors. Check the mounting in the
actual device under actual use conditions ahead of time.
1-1. In mounting the capacitors on the printed circuit
board, any bending force against them shall be kept
to a minimum to prevent them from any damage or
cracking. Please take into account the following
precautions and recommendations for use in your
process.
(1) Adjust the lowest position of the pickup nozzle so
as not to bend the printed circuit board.
2. Dirt particles and dust accumulated in the suction nozzle
and suction mechanism prevent the nozzle from moving
smoothly. This creates excessive force on the capacitor
during mounting, causing cracked chips. Also, the locating
claw, when worn out, imposes uneven forces on the chip
when positioning, causing cracked chips. The suction
nozzle and the locating claw must be maintained,
checked, and replaced periodically.
<Applicable to ZRB Series>
3. To adjust the inspection tolerance for automated
appearance sorting machine of mounting position,
because ZRB series are easier to shi the mounting
position than standard MLCC.
4. To check the overturn and reverse of chip.
5. To control mounting speed carefully, because ZRB series
is heavier than standard MLCC.
Board Guide
[Correct]
Suction Nozzle
Board
Support Pin
[Incorrect]
Deflection
2. Information before Mounting
1. Do not re-use capacitors that were removed from the
equipment.
2. Confirm capacitance characteristics under actual applied
voltage.
3. Confirm the mechanical stress under actual process and
equipment use.
4. Confirm the rated capacitance, rated voltage and other
electrical characteristics before assembly.
5. Prior to use, confirm the solderability of capacitors that
were in long-term storage.
6. Prior to measuring capacitance, carry out a heat
treatment for capacitors that were in long-term storage.
7. The use of Sn-Zn based solder will deteriorate the
reliability of the MLCC.
Please contact our sales representative or product
engineers on the use of Sn-Zn based solder in advance.
8. We have also produced a DVD which shows a summary of
our recommendations, regarding the precautions for
mounting. Please contact our sales representative to
request the DVD.
Continued from the preceding page.
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com