Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 57 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 57 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm 50Vdc
CH 3300pF
±5%
GRM1882C1H332JA01#
3900pF
±5%
GRM1882C1H392JA01#
4700pF
±5%
GRM1882C1H472JA01#
5600pF
±5%
GRM1882C1H562JA01#
6800pF
±5%
GRM1882C1H682JA01#
8200pF
±5%
GRM1882C1H822JA01#
10000pF ±5%
GRM1882C1H103JA01#
SL
1200pF
±5%
GRM1881X1H122JA01#
1500pF
±5%
GRM1881X1H152JA01#
1800pF
±5%
GRM1881X1H182JA01#
2200pF
±5%
GRM1881X1H222JA01#
2700pF
±5%
GRM1881X1H272JA01#
3300pF
±5%
GRM1881X1H332JA01#
3900pF
±5%
GRM1881X1H392JA01#
4700pF
±5%
GRM1881X1H472JA01#
5600pF
±5%
GRM1881X1H562JA01#
6800pF
±5%
GRM1881X1H682JA01#
8200pF
±5%
GRM1881X1H822JA01#
10000pF ±5%
GRM1881X1H103JA01#
U2J 1200pF
±5%
GRM1887U1H122JA01#
1500pF
±5%
GRM1887U1H152JA01#
1800pF
±5%
GRM1887U1H182JA01#
2200pF
±5%
GRM1887U1H222JA01#
2700pF
±5%
GRM1887U1H272JA01#
3300pF
±5%
GRM1887U1H332JA01#
3900pF
±5%
GRM1887U1H392JA01#
4700pF
±5%
GRM1887U1H472JA01#
5600pF
±5%
GRM1887U1H562JA01#
6800pF
±5%
GRM1887U1H682JA01#
8200pF
±5%
GRM1887U1H822JA01#
10000pF ±5%
GRM1887U1H103JA01#
UJ 1000pF
±5%
GRM1883U1H102JA01#
1200pF
±5%
GRM1883U1H122JA01#
1500pF
±5%
GRM1883U1H152JA01#
1800pF
±5%
GRM1883U1H182JA01#
2200pF
±5%
GRM1883U1H222JA01#
2700pF
±5%
GRM1883U1H272JA01#
3300pF
±5%
GRM1883U1H332JA01#
3900pF
±5%
GRM1883U1H392JA01#
4700pF
±5%
GRM1883U1H472JA01#
5600pF
±5%
GRM1883U1H562JA01#
6800pF
±5%
GRM1883U1H682JA01#
8200pF
±5%
GRM1883U1H822JA01#
10000pF ±5%
GRM1883U1H103JA01#
10Vdc
SL 12000pF ±5%
GRM1881X1A123JA01#
15000pF ±5%
GRM1881X1A153JA01#
18000pF ±5%
GRM1881X1A183JA01#
22000pF ±5%
GRM1881X1A223JA01#
U2J 12000pF ±5%
GRM1887U1A123JA01#
15000pF ±5%
GRM1887U1A153JA01#
18000pF ±5%
GRM1887U1A183JA01#
22000pF ±5%
GRM1887U1A223JA01#
UJ 12000pF ±5%
GRM1883U1A123JA01#
15000pF ±5%
GRM1883U1A153JA01#
GRM Series Temperature Compensating Type Part Number List
(→ 1.6×0.8mm)
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.9mm 10Vdc
UJ 18000pF ±5%
GRM1883U1A183JA01#
22000pF ±5%
GRM1883U1A223JA01#
2.0×1.25mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.7mm 100Vdc C0G 100pF
±5%
GRM2165C2A101JA01#
120pF
±5%
GRM2165C2A121JA01#
150pF
±5%
GRM2165C2A151JA01#
180pF
±5%
GRM2165C2A181JA01#
220pF
±5%
GRM2165C2A221JA01#
270pF
±5%
GRM2165C2A271JA01#
330pF
±5%
GRM2165C2A331JA01#
390pF
±5%
GRM2165C2A391JA01#
470pF
±5%
GRM2165C2A471JA01#
560pF
±5%
GRM2165C2A561JA01#
680pF
±5%
GRM2165C2A681JA01#
820pF
±5%
GRM2165C2A821JA01#
1000pF
±5%
GRM2165C2A102JA01#
1200pF
±5%
GRM2165C2A122JA01#
1500pF
±5%
GRM2165C2A152JA01#
1800pF
±5%
GRM2165C2A182JA01#
2200pF
±5%
GRM2165C2A222JA01#
2700pF
±5%
GRM2165C2A272JA01#
3300pF
±5%
GRM2165C2A332JA01#
CH
100pF
±5%
GRM2162C2A101JA01#
120pF
±5%
GRM2162C2A121JA01#
150pF
±5%
GRM2162C2A151JA01#
180pF
±5%
GRM2162C2A181JA01#
220pF
±5%
GRM2162C2A221JA01#
270pF
±5%
GRM2162C2A271JA01#
330pF
±5%
GRM2162C2A331JA01#
390pF
±5%
GRM2162C2A391JA01#
470pF
±5%
GRM2162C2A471JA01#
560pF
±5%
GRM2162C2A561JA01#
680pF
±5%
GRM2162C2A681JA01#
820pF
±5%
GRM2162C2A821JA01#
1000pF
±5%
GRM2162C2A102JA01#
1200pF
±5%
GRM2162C2A122JA01#
1500pF
±5%
GRM2162C2A152JA01#
1800pF
±5%
GRM2162C2A182JA01#
2200pF
±5%
GRM2162C2A222JA01#
2700pF
±5%
GRM2162C2A272JA01#
3300pF
±5%
GRM2162C2A332JA01#
50Vdc C0G 1200pF
±5%
GRM2165C1H122JA01#
1500pF
±5%
GRM2165C1H152JA01#
1800pF
±5%
GRM2165C1H182JA01#
2200pF
±5%
GRM2165C1H222JA01#
2700pF
±5%
GRM2165C1H272JA01#
3300pF
±5%
GRM2165C1H332JA01#
3900pF
±5%
GRM2165C1H392JA01#
4700pF
±5%
GRM2165C1H472JA01#
CH 1200pF
±5%
GRM2162C1H122JA01#
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com