Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
Part number # indicates the package specification code.
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.55mm 50Vdc
CH
180pF
±5%
GRM1552C1H181JA01#
220pF
±2%
GRM1552C1H221GA01#
±5%
GRM1552C1H221JA01#
270pF
±2%
GRM1552C1H271GA01#
±5%
GRM1552C1H271JA01#
330pF
±2%
GRM1552C1H331GA01#
±5%
GRM1552C1H331JA01#
390pF
±2%
GRM1552C1H391GA01#
±5%
GRM1552C1H391JA01#
470pF
±2%
GRM1552C1H471GA01#
±5%
GRM1552C1H471JA01#
560pF
±2%
GRM1552C1H561GA01#
±5%
GRM1552C1H561JA01#
680pF
±2%
GRM1552C1H681GA01#
±5%
GRM1552C1H681JA01#
820pF
±2%
GRM1552C1H821GA01#
±5%
GRM1552C1H821JA01#
1000pF
±2%
GRM1552C1H102GA01#
±5%
GRM1552C1H102JA01#
10Vdc
SL
1200pF
±5%
GRM1551X1A122JA01#
1500pF
±5%
GRM1551X1A152JA01#
1800pF
±5%
GRM1551X1A182JA01#
2200pF
±5%
GRM1551X1A222JA01#
2700pF
±5%
GRM1551X1A272JA01#
3300pF
±5%
GRM1551X1A332JA01#
3900pF
±5%
GRM1551X1A392JA01#
4700pF
±5%
GRM1551X1A472JA01#
U2J 1200pF
±5%
GRM1557U1A122JA01#
1500pF
±5%
GRM1557U1A152JA01#
1800pF
±5%
GRM1557U1A182JA01#
2200pF
±5%
GRM1557U1A222JA01#
2700pF
±5%
GRM1557U1A272JA01#
3300pF
±5%
GRM1557U1A332JA01#
3900pF
±5%
GRM1557U1A392JA01#
4700pF
±5%
GRM1557U1A472JA01#
UJ 1200pF
±5%
GRM1553U1A122JA01#
1500pF
±5%
GRM1553U1A152JA01#
1800pF
±5%
GRM1553U1A182JA01#
2200pF
±5%
GRM1553U1A222JA01#
2700pF
±5%
GRM1553U1A272JA01#
3300pF
±5%
GRM1553U1A332JA01#
3900pF
±5%
GRM1553U1A392JA01#
4700pF
±5%
GRM1553U1A472JA01#
GRM Series Temperature Compensating Type Part Number List
(→ 1.0×0.5mm)
1.6×0.8mm
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.5mm 50Vdc
SL
2200pF
±5%
GRM1851X1H222JA44#
2700pF
±5%
GRM1851X1H272JA44#
3300pF
±5%
GRM1851X1H332JA44#
3900pF
±5%
GRM1851X1H392JA44#
4700pF
±5%
GRM1851X1H472JA44#
U2J 2200pF
±5%
GRM1857U1H222JA44#
T
max.
Rated
Voltage
TC
Code
Cap.
Tol.
Part Number
0.5mm 50Vdc U2J 2700pF
±5%
GRM1857U1H272JA44#
3300pF
±5%
GRM1857U1H332JA44#
3900pF
±5%
GRM1857U1H392JA44#
4700pF
±5%
GRM1857U1H472JA44#
UJ 2200pF
±5%
GRM1853U1H222JA44#
2700pF
±5%
GRM1853U1H272JA44#
3300pF
±5%
GRM1853U1H332JA44#
3900pF
±5%
GRM1853U1H392JA44#
4700pF
±5%
GRM1853U1H472JA44#
10Vdc
SL
5600pF
±5%
GRM1851X1A562JA44#
6800pF
±5%
GRM1851X1A682JA44#
8200pF
±5%
GRM1851X1A822JA44#
10000pF ±5%
GRM1851X1A103JA44#
U2J 5600pF
±5%
GRM1857U1A562JA44#
6800pF
±5%
GRM1857U1A682JA44#
8200pF
±5%
GRM1857U1A822JA44#
10000pF ±5%
GRM1857U1A103JA44#
UJ 5600pF
±5%
GRM1853U1A562JA44#
6800pF
±5%
GRM1853U1A682JA44#
8200pF
±5%
GRM1853U1A822JA44#
10000pF ±5%
GRM1853U1A103JA44#
0.9mm 100Vdc C0G 0.50pF ±0.05pF
GRM1885C2AR50WA01#
±0.1pF
GRM1885C2AR50BA01#
0.60pF ±0.05pF
GRM1885C2AR60WA01#
±0.1pF
GRM1885C2AR60BA01#
0.70pF ±0.05pF
GRM1885C2AR70WA01#
±0.1pF
GRM1885C2AR70BA01#
0.80pF ±0.05pF
GRM1885C2AR80WA01#
±0.1pF
GRM1885C2AR80BA01#
0.90pF ±0.05pF
GRM1885C2AR90WA01#
±0.1pF
GRM1885C2AR90BA01#
1.0pF ±0.05pF
GRM1885C2A1R0WA01#
±0.1pF
GRM1885C2A1R0BA01#
±0.25pF
GRM1885C2A1R0CA01#
1.1pF ±0.05pF
GRM1885C2A1R1WA01#
±0.1pF
GRM1885C2A1R1BA01#
±0.25pF
GRM1885C2A1R1CA01#
1.2pF ±0.05pF
GRM1885C2A1R2WA01#
±0.1pF
GRM1885C2A1R2BA01#
±0.25pF
GRM1885C2A1R2CA01#
1.3pF ±0.05pF
GRM1885C2A1R3WA01#
±0.1pF
GRM1885C2A1R3BA01#
±0.25pF
GRM1885C2A1R3CA01#
1.4pF ±0.05pF
GRM1885C2A1R4WA01#
±0.1pF
GRM1885C2A1R4BA01#
±0.25pF
GRM1885C2A1R4CA01#
1.5pF ±0.05pF
GRM1885C2A1R5WA01#
±0.1pF
GRM1885C2A1R5BA01#
±0.25pF
GRM1885C2A1R5CA01#
1.6pF ±0.05pF
GRM1885C2A1R6WA01#
±0.1pF
GRM1885C2A1R6BA01#
±0.25pF
GRM1885C2A1R6CA01#
1.7pF ±0.05pF
GRM1885C2A1R7WA01#
±0.1pF
GRM1885C2A1R7BA01#
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com