Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 89 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 89 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 89Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 89 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
290
Notice
1. Transportation
1. The performance of a capacitor may be aected by the
conditions during transportation.
1-1. The capacitors shall be protected against excessive
temperature, humidity, and mechanical force during
transportation.
(1) Climatic condition
• low air temperature: -40°C
• change of temperature air/air: -25°C/+25°C
• low air pressure: 30 kPa
• change of air pressure: 6 kPa/min.
(2) Mechanical condition
Transportation shall be done in such a way that
the boxes are not deformed and forces are not
directly passed on to the inner packaging.
1-2. Do not apply excessive vibration, shock, or pressure
to the capacitor.
(1) When excessive mechanical shock or pressure is
applied to a capacitor, chipping or cracking may
occur in the ceramic body of the capacitor.
(2) When the sharp edge of an air driver, a soldering
iron, tweezers, a chassis, etc. impacts strongly on
the surface of the capacitor, the capacitor may
crack and short-circuit.
1-3. Do not use a capacitor to which excessive shock was
applied by dropping, etc.
A capacitor dropped accidentally during processing
may be damaged.
2. Characteristics Evaluation in the Actual System
1. Evaluate the capacitor in the actual system, to confirm
that there is no problem with the performance and
specification values in a finished product before using.
2. Since a voltage dependency and temperature
dependency exists in the capacitance of high dielectric
type ceramic capacitors, the capacitance may change
depending on the operating conditions in the actual
system. Therefore, be sure to evaluate the various
characteristics, such as the leakage current and noise
absorptivity, which will affect the capacitance value of
the capacitor.
3. In addition, voltages exceeding the predetermined surge
may be applied to the capacitor by the inductance in the
actual system. Evaluate the surge resistance in the actual
system as required.
<Applicable to NFM Series>
4. The effects of noise suppression can vary depending on
the usage conditions, including dierences in the circuit
or IC to be used, the type of noise, the shape of the
pattern to be mounted, and the mounting location. Be
sure to verify the eect on the actual device in advance.
Other
Continued from the preceding page.
1. A crack may be caused in the capacitor due to the stress
of the thermal contraction of the resin during curing
process.
The stress is aected by the amount of resin and curing
contraction.
Select a resin with low curing contraction.
The dierence in the thermal expansion coecient
between a coating resin or a molding resin and the
capacitor may cause the destruction and deterioration of
the capacitor such as a crack or peeling, and lead to the
deterioration of insulation resistance or dielectric
breakdown.
Select a resin for which the thermal expansion coefficient
is as close to that of the capacitor as possible.
A silicone resin can be used as an under-coating to buer
against the stress.
2. Select a resin that is less hygroscopic.
Using hygroscopic resins under high humidity conditions
may cause the deterioration of the insulation resistance
of a capacitor.
An epoxy resin can be used as a less hygroscopic resin.
3. The halogen system substance and organic acid are
included in coating material, and a chip corrodes by the
kind of Coating material.
Do not use strong acid type.
<Applicable to ZRB Series>
4. Loss suppress acoustic noise may be caused in ZRB series
due to the resin during curing process. Please contact our
sales representative or product engineers on the apply to
resin during curing process.
8. Coating
1. Please evaluate the capacitor using actual cleaning
equipment and conditions to confirm the quality, and
select the solvent for cleaning.
2. Unsuitable cleaning may leave residual flux or other
foreign substances, causing deterioration of electrical
characteristics and the reliability of the capacitors.
7. Washing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com