Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 84 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 84 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
285
Notice
LLA
LLA
1.6g0.8
2.0g1.25
(in mm)
Chip (LgW)
Series
0.3 to 0.4
0.5 to 0.7
a
0.25 to 0.35
0.35 to 0.6
b
0.15 to 0.25
0.2 to 0.3
c
0.4
0.5
p
Table 4 LLA Series Reflow Soldering Method
18
21
[Land for ZRB Series]
Chip Dimension Code
(L/W)
ZRB
ZRB
1.0g0.5
1.6g0.8
(in mm)
Chip (LgW)
Series
0.4 to 0.6
0.7 to 0.9
a
0.4 to 0.5
0.7 to 0.8
b
0.5 to 0.7
0.8 to 1.0
c
Table 3 ZRB Series Reflow Soldering Method
15
18*
Chip Dimension
Code (L/W)
Solder Resist
a
b
ZRB
Land
*If distance between parts is too short, there is risk to cause
electrical short. Please confirm the mounting pitch
(distance between centers of parts) has 1.275mm or more.
(ZRB18 only)
Continued from the preceding page.
Continued on the following page.
GJM/GRM
GJM/GRM
GJM/GRM
GQM/GR3/GRJ/GRM
GQM
GR3/GRJ/GRM/GR7
GQM
GR3/GRJ/GRM/GR7
GR3/GRJ/GRM
GA2/GA3/GR4
GR3/GRJ/GRM/GA2/
GA3/GR4
GA2/GA3
GR3/GRJ/GRM/GA2/
GA3/GR4
LLL
LLL
LLL/LLR
LLL
LLL
0.4g0.2
0.6g0.3 (±0.03)
0.6g0.3 (±0.05)
0.6g0.3 (±0.09)
1.0g0.5 (within ±0.10)
1.0g0.5 (±0.15/±0.20)
1.6g0.8 (within ±0.10)
1.6g0.8 (±0.15/±0.20)
2.0g1.25
2.0×g1.25 (within ±0.10)
2.0g1.25 (±0.15)
2.0g1.25 (±0.20)
2.8g2.8
3.2g1.6 (within ±0.20)
3.2g1.6 (±0.30)
3.2g2.5
4.5g2.0
4.5g3.2
5.7g2.8
5.7g5.0
0.5g1.0
0.6g1.0
0.8g1.6
1.25g2.0
1.6g3.2
0.16 to 0.2
0.2 to 0.25
0.2 to 0.25
0.23 to 0.3
0.3 to 0.5
0.4 to 0.6
0.6 to 0.8
0.7 to 0.9
1.0 to 1.2
1.2
1.2
1.0 to 1.4
2.2 to 2.5
1.8 to 2.0
1.9 to 2.1
2.0 to 2.4
2.8 to 3.4
3.0 to 3.5
4.0 to 4.6
4.0 to 4.6
0.15 to 0.2
0.20 to 0.25
0.2 to 0.3
0.4 to 0.5
0.6 to 0.8
0.12 to 0.18
0.2 to 0.3
0.25 to 0.35
0.25 to 0.35
0.35 to 0.45
0.4 to 0.5
0.6 to 0.7
0.7 to 0.8
0.6 to 0.7
0.6
0.6 to 0.8
0.6 to 0.8
0.8 to 1.0
0.9 to 1.2
1.0 to 1.3
1.0 to 1.2
1.2 to 1.4
1.2 to 1.4
1.4 to 1.6
1.4 to 1.6
0.2 to 0.25
0.25 to 0.35
0.3 to 0.4
0.4 to 0.5
0.6 to 0.7
0.2 to 0.23
0.25 to 0.35
0.3 to 0.4
0.3 to 0.4
0.4 to 0.6
0.5 to 0.7
0.6 to 0.8
0.8 to 1.0
0.8 to 1.1
1.25
1.2 to 1.4
1.2 to 1.4
1.9 to 2.3
1.5 to 1.7
1.7 to 1.9
1.8 to 2.3
1.4 to 1.8
2.3 to 3.0
2.1 to 2.6
3.5 to 4.8
0.7 to 1.0
0.7 to 1.0
1.4 to 1.6
1.4 to 1.8
2.6 to 2.8
KRM
KRM
KR3/KRM
2.0g1.25
3.2g1.6
5.7g5.0
1.0 to 1.2
2.2 to 2.4
2.6
0.6 to 0.7
0.8 to 0.9
2.7
0.8 to 1.1
1.0 to 1.4
5.6
(in mm)
Chip (LgW)
a
b
c
<Applicable to Part Number KR3/KRM>
(in mm)
Chip (LgW)
Series
Series
02
03
15
18
21
21
22
31
32
42
43
52
55
15
1U
18
21
31
21
31
55
Chip Dimension Code
(L/W)
Chip Dimension Code
(L/W)
a
b
c
Table 2 Reflow Soldering Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com