Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd

Back Button GRM0332C2A6R9DA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
C02E.pdf
Nov.27,2017
!
Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
40
Features
Specifications
Chip Multilayer Ceramic Capacitors for General Purpose
GRM Series
This is Murata primary products renowned for both small size and large
capacitance value with latest advanced technology.
Achieves large-capacity and small size in a multilayer structure.
1
Sn plating is applied to the external electrodes; excellent solderability.
2
High reliability with no polarity.
3
“Thin Layer Technology”
for thinner layers
Foundation Electrode Layer
Ni/Sn Plated Layer
<Example of Structure>
Internal Electrodes
Ceramic
01005 size
0.5µm
automatic
lead pencil
(0.5mm)
“Fine Particle Technology”
for finer particles
2µm
“High Precision Lamination Technology”
for more accuracy
Ceramic
ceramic thickness: 1µm
Internal electrode thickness: 0.7µm
ceramic thickness: 0.5µm
Internal electrode thickness: 0.4µm
Internal Electrodes
Price
Ceramic Capacitors
Comparison between
Impedance Frequency
Characteristics
Tantalum Capacitor Aluminum Electrolytic Capacitor Conductive Polymer Capacitor
Capacitance temperature
characteristics
DC breakdown voltage
Polarity
No
Yes
Yes
Yes
Pulse response
Allowable ripple current
Reliability
DC bias characteristics
: Excellent
: Inferior
: Particularly excellent
Size (mm)
<Dimensions>
Rated Voltage
2.5Vdc to 3150Vdc
Capacitance
0.10pF to 330µF
Main Applications
1. Rated voltage 100V Max.
High Dielectric Constant Type · · · For decoupling and smoothing circuits
Temperature Compensating Type · · · For tuning circuits, oscillating circuits,
and high frequency filter circuits
2. Rated voltage 200V min.
High Dielectric Constant Type · · · For clamp snubber circuits and smoothing circuits
Temperature Compensating Type · · · Power supply damper snubber
0.25×0.125mm to 5.7×5.0mm
e
g
e
L
W
T
This catalog contains only a portion of the product lineup.
Please refer to the capacitor search tool on the Murata Web site for details.
WEB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com