Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0332C2A6R9DA01 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # GRM0332C2A6R9DA01
Description  Chip Multilayer Ceramic Capacitors for General
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM0332C2A6R9DA01 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  GRM0332C2A6R9DA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM0332C2A6R9DA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
For applications that do not require the particular reliability such as
the general equipment
Powertrain/Safety for Automotive
Product used for applications (running, turning, stopping and safety
devices) which particularly concern human life, such as in devices for
automobiles.
Infotainment for Automotive
The product for entertainment equipment like car navigations, car
audios, and body control equipment like wipers, power windows.
Medical-grade products for Implanted Medical Devices
These products are intended for use in implanted medical devices
such as cardiac pacemakers, cochlear implants, insulin pumps and
gastric electrostimulators.
They are suitable for use in non-critical circuits. *1
 *1
Non-critical circuits
This term refers to circuits in implanted medical devices that are
not directly linked to life support, i.e. circuits that will not directly
endanger the life of the patient should the functionality of the
device be reduced or halted by failure of the circuit.
AEC-Q200 compliant product
Derating 1
This product is suitable when a voltage continuously applied to a
capacitor in an operating circuit, is used below (derated) the rated
voltage of the capacitor. This model guarantees the test conditions in
the endurance test, at a rated voltage x 100% at the maximum
operating temperature. A reliability assurance level equivalent to a
common product can be secured, by using this product within the
voltage and temperature derated conditions recommended in the
figure below.
Derating 2
When the product temperature exceeds 105°C, please use this
product within the voltage and temperature derated conditions in the
figure below.
Derating 4
When the product temperature exceeds 125°C, please use this
product within the voltage and temperature derated conditions in the
figure below.
Derating 3
Please apply the derating curve according to the operating
temperature.
Please refer to detailed specifications sheet for details.
Derating 5
Please apply the rated voltage derating over 150 °C.
Please refer to detailed specifications sheet for details.
Safety Standard Certified Product
Products that acquired safety standard certification IEC60384-14
and products based on the Electrical Appliance and Material Safety
Law of Japan.
Low dissipation for high frequency
By devising ceramic materials and electrode materials, low
dissipation is achieved in frequency bands of VHF, UHF and
microwave or beyond.
Low inductance
This capacitor is designed so that the parasitic inductance
component (ESL) that the capacitor has on the high frequency side
becomes lower.
Product suitable for acoustic noise reduction and low distortion
This product suppresses acoustic noise, which occurs when a
ceramic capacitor is used, by devising the materials and
configuration.
Links are provided to the latest information from the PDF version of the catalog, which is available on the web.
Fail safe product
This capacitor is designed to prevent failures as much as possible by
short mode.
Based on the Electrical Appliance and Material Safety Law of Japan
Products that are based on the electrical appliance and material
safety law of Japan.
Product resistant to deflection cracking
This capacitor is designed to prevent failures as much as possible by
short mode caused by cracking when there is board deflection.
Product with solder cracking suppression
“This capacitor is configured with metal terminals and leads
connected to the chip. The metal terminals and leads relieve the
stress from expansion and contraction of the solder, to suppress
solder cracking.”
Low-inductance product suitable for noise suppression.
This product has extremely low ESL and is suitable for suppression
of noise, including high frequencies.
This product can also be used as a low-ESL, high-performance
bypass capacitor.
Product for bonding
Since gold is used for the external electrodes, the capacitor can be
mounted by die bonding/wire bonding.
No DC bias characteristics
Polymer capacitor is no capacitance change with DC bias due to
aluminum oxidized film for dielectric.
Recommended Conditions of the Derating Operating Voltage and Temperature
025
50
75
100
125
150
0
20
40
60
80
100
120
Product Temperature (°C)
125°C Type
105°C Type
85°C Type
025
50
75
100
125
150
0
Product Temperature (°C)
400
500
100
200
300
600
700
Rated Voltage 630V
Rated Voltage 450V
(350V)
(450V)
-75
-50
-25
0
25
50
75
100 125 150 175
0
Product Temperature (°C)
120
100
80
60
40
20
(50)
Explanation of Symbols in This Catalog
WEB
C02E.pdf
Nov.27,2017
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com