Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 16 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 16 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 20Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 377 page
background image
Users in their target system, such as the P3.0/P3.1 through the RS-232 level shifter connected to the computer
after the conversion of ordinary RS-232 serial port to connect the system programming / upgrading client
software. If the user panel recommended no RS-232 level converter, should lead to a socket, with Gnd/P3.1/
P3.0/Vcc four signal lines, so that the user system can be programmed directly. Of course, if the six signal lines
can lead to Gnd/P3.1/P3.0/Vcc/P1.1/P1.0 as well, because you can download the program by P1.0/P1.1 ISP ban.
If you can Gnd/P3.1/P3.0/Vcc/P1.1/P1.0/Reset seven signal lines leads to better, so you can easily use "offline
download board (no computer)" .
ISP programming on the Theory and Application Guide to see "STC12C5620AD Series MCU Development /
Programming Tools Help"section. In addition, we have standardized programming download tool, the user can
then program into the goal in the above systems, you can borrow on top of it RS-232 level shifter connected to
the computer to download the program used to do. Programming a chip roughly be a few seconds, faster than the
ordinary universal programmer much faster, there is no need to buy expensive third-party programmer?.
PC STC-ISP software downloaded from the website
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com