Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 81 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 81 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 85Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 377 page
background image
R6
8.2KΩ
sw6
R5
5.4KΩ
sw5
R4
3.3KΩ
sw4
R3
1.8KΩ
sw3
R2
520Ω
sw2
sw1
R1
10K
Ω
+5V
ADCx
47pF
0
0`0.5
0.5`1
1`1.5
1.5`2.0 2.0`2.5
R1
520Ω
sw2
sw1
R0
10K
Ω
+5V
ADCx
47pF
0
R2
1.2KΩ
sw3
R3
1.6KΩ
sw4
R4
1.8KΩ
sw5
R5
3KΩ
sw6
R6
4KΩ
sw7
R7
6.5Ω
sw8
R8
10KΩ
sw9
R9
30KΩ
sw10
R10
100KΩ
sw11
4.11 Using A/D Conversion to scan key application circuit
This circuit can achieve a signle key
or combin key scan, resistance need to
configure the actual needs
This circuit use 10 keys spaced partial pressure, for each key, range
of allowed error is +/-0.25V, it can effectively avoid failure of key
detection because of resistance or temperature drift. If the requested
key detection more stable and reliable, can reduce the number of
buttons, to relax the voltage range of each key
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Vcc
P2.1
P2.7
P1.7/ADC7
P1.5/ADC5
P1.4/ADC4
P1.3/ADC3
Gnd
P1.1/ADC1/CLKOUT1
P1.0/ADC0/CLKOUT0
P1.2/ADC2
P2.2
RST
P2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P1.6/ADC6
P2.4
P2.0
P3.7/PCA0/PWM0
RxD/P3.0
TxD/P3.1
XTAL2
XTAL1
INT0/P3.2
INT1/P3.3
PWM1/PCA1/T1/P3.5
ECI/T0/P3.4
P2.3
P2.6
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com