Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 51 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 51 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 51Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 52Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 53Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 54Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 55Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 377 page
background image
IE: Interrupt Enable Rsgister
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IE
A8H
name
EA
EPCA_LVD EADC_SPI
ES
ET1
EX1
ET0
EX0
Enable Bit = 1 enables the interrupt .
Enable Bit = 0 disables it .
EA (IE.7): disables all interrupts. if EA = 0,no interrupt will be acknowledged. if EA = 1, each
interrupt source is individually enabled or disabled by setting or clearing its enable bit.
EPCA_LVD (IE.6): Interrupt controller of Programmable Counter Array (PCA) and Low-Voltage Detector
0 : Disable theinterrupt of Programmable Counter Array (PCA) and Low-Voltage Detector
1 : enable theinterrupt of Programmable Counter Array (PCA) and Low-Voltage Detector
IPH: Interrupt Priority High Register
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IPH
B7H
name
-
PPCA_LVDH PADC_SPIH
PSH
PT1H
PX1H
PT0H
PX0H
IP: Interrupt Priority Register
SFR name Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
IE
B8H
name
-
PPCA_LVD
PADC_SPI
PS
PT1
PX1
PT0
PX0
PPCA_LVDH, PPCA_LVD : Programmable Counter Array (PCA) and Low voltage detector interrupt priority control bits.
if PPCA_LVDH=0 and PPCA_LVD=0, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 0).
if PPCA_LVDH=0 and PPCA_LVD=1, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 1).
if PPCA_LVDH=1 and PPCA_LVD=0, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 2).
if PPCA_LVDH=1 and PPCA_LVD=1, Programmable Counter Array (PCA) and Low voltage detector
interrupt are assigned lowest priority(priority 3).
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com