Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 78 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 78 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 82Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 377 page
background image
4.7 How to make I/O port low after MCU reset
Traditional 8051 MCU power-on reset, the general IO port are weak pull-high output, while many practical
applications require IO port remain low level after power-on reset, otherwise the system malfunction would be
generated. For STC12C5620AD series MCU, IO port can add a pull-down resistor (1K/2K/3K), so that when
power-on reset, although a weak internal pull-up to make MCU output high, but because of the limited capacity
of the internal pull-up, it can not pull-high the pad, so this IO port is low level after power-on reset. If the I/O port
need to drive high, you can set the IO model as the push-pull output mode, while the push-pull mode the drive
current can be up to 20mA, so it can drive this I/O high.
I/O
1K/2K/3K
More then 470ohm
4.8 I/O status while PWM outputing
When I/O is used as PWM port, it’s status as bellow:
Before PWM output
While PWM outputing
Quasi-bidirectional
Push-Pull (Strong pull-high need 1K~10K limiting resistor)
Push-Pull
Push-Pull (Strong pull-high need 1K~10K limiting resistor)
Input ony (Floating)
PWM Invalid
Open-drain
Open-drain
common I/O port
To load
current limiting resistor between 10K and 1K
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com