Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 25 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 25 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 24Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 26Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 27Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 28Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 29Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 377 page
background image
D (1026mil)
E1
A
L
e
COMMON DIMENSIONS
(UNITS OF MEASURE = INCH)
SYMBOL
MIN
NOM
MAX
A
-
-
0.175
A1
0.015
-
-
A2
0.125
0.13
0.135
b
0.016
0.018
0.020
b1
0.058
0.060
0.064
C
0.008
0.010
0.11
D
1.012
1.026
1.040
E
0.290
0.300
0.310
E1
0.245
0.250
0.255
e
0.090
0.100
0.110
L
0.120
0.130
0.140
θ0
0-
15
eA
0.355
0.355
0.375
S
-
-
0.075
UNIT: INCH
1 inch = 1000 mil
b1
b
A1
20-Pin Plastic Dual Inline Package (DIP-20)
Dimensions in Inches
0.120
A2
C
S
100mil
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com