Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 83 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 83 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 87Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 377 page
background image
5.2 Instruction Set Summary
Mnemonic
Description
Byte
Execution clocks
of 12T MCU
Execution clocks
of STC 1T MCU
Efficiency
improved
ARITHMETIC OPERATIONS
ADD
A, Rn
Add register to Accumulator
1
12
2
6x
ADD
A, direct
Add ditect byte to Accumulator
2
12
3
4x
ADD
A, @Ri
Add indirect RAM to Accumulator
1
12
3
4x
ADD
A, #data
Add immediate data to Accumulator
2
12
2
6x
ADDC
A, Rn
Add register to Accumulator with Carry
1
12
2
6x
ADDC
A, direct
Add direct byte to Accumulator with Carry
2
12
3
4x
ADDC
A, @Ri
Add indirect RAM to Accumulator with Carry
1
12
3
4x
ADDC
A, #data
Add immediate data to Acc with Carry
2
12
2
6x
SUBB
A, Rn
Subtract Register from Acc wih borrow
1
12
2
6x
SUBB
A, direct
Subtract direct byte from Acc with borrow
2
12
3
4x
SUBB
A, @Ri
Subtract indirect RAM from ACC with borrow
1
12
3
4x
SUBB
A, #data
Substract immediate data from ACC with borrow
2
12
2
6x
INC
A
Increment Accumulator
1
12
2
6x
INC
Rn
Increment register
1
12
3
4x
INC
direct
Increment direct byte
2
12
4
3x
INC
@Ri
Increment direct RAM
1
12
4
3x
DEC
A
Decrement Accumulator
1
12
2
6x
DEC
Rn
Decrement Register
1
12
34x
DEC
direct
Decrement direct byte
2
12
4
3x
DEC
@Ri
Decrement indirect RAM
1
12
4
3x
INC
DPTR
Increment Data Pointer
1
24
1
24x
MUL
AB
Multiply A & B
1
48
4
12x
DIV
AB
Divde A by B
1
48
5
9.6x
DA
A
Decimal Adjust Accumulator
1
12
4
3x
The STC MCU instructions are fully compatible with the standard 8051's,which are divided among five functional
groups:
Arithmetic
Logical
Data transfer
Boolean variable
Program branching
The following tables provides a quick reference chart showing all the 8051 and STC 1T MCU instructions. Once
you are familiar with the instruction set, this chart should prove a handy and quick source of reference.
•
•
•
•
•
Execution Clocks of
Conventional 12T 8051
Execution Clocks of
STC12C5620AD series
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com