Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 47 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 47 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 49Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 50Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 51Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 377 page
background image
2.3 RESET Sources
In STC12C5620AD, there are 5 sources to generate internal reset. They are RST pin reset, software reset, On-
chip power-on-reset(if delay 200mS after power-on reset, the reset mode is On-chip MAX810 POR timing delay
which actully add 200mS delay after power-on reset), internal low-voltage detection reset and Watch-Dog-Timer
reset.
2.3.1 RESET Pin
External RST pin reset accomplishes the MCU reset by forcing a reset pulse to RST pin from external.
Asserting an active-high signal and keeping at least 24 cycles plus 10us on the RST pin generates a
reset. If the signal on RST pin changed active-low level, MCU will end the reset state and start to run
from the 0000H of user procedures.
2.3.2 Software RESET
Writing an “1” to SWRST bit in ISP_CONTR register will generate a internal reset.
ISP_CONTR: ISP/IAP Control Register
SFR Name
SFR Address
bit
B7
B6
B5
B4
B3
B2
B1
B0
ISP_CONTR
E7H
name ISPEN
SWBS SWRST CMD_FAIL
-
WT2
WT1
WT0
ISPEN : ISP/IAP operation enable.
0 : Global disable all ISP/IAP program/erase/read function.
1 : Enable ISP/IAP program/erase/read function.
SWBS: software boot selection control bit
0 : Boot from main-memory after reset.
1 : Boot from ISP memory after reset.
SWRST: software reset trigger control.
0 : No operation
1 : Generate software system reset. It will be cleared by hardware automatically.
CMD_FAIL: Command Fail indication for ISP/IAP operation.
0 : The last ISP/IAP command has finished successfully.
1 : The last ISP/IAP command fails. It could be caused since the access of flash memory was inhibited.
;Software reset from user appliction program area (AP area) and switch to AP area to run program
MOV ISP_CONTR, #00100000B ;SWBS = 0(Select AP area), SWRST = 1(Software reset)
;Software reset from system ISP monitor program area (ISP area) and switch to AP area to run program
MOV ISP_CONTR, #00100000B ;SWBS = 0(Select AP area), SWRST = 1(Software reset)
;Software reset from user appliction program area (AP area) and switch to ISP area to run program
MOV ISP_CONTR, #01100000B ;SWBS = 1(Select ISP area), SWRST = 1(Software reset)
;Software reset from system ISP monitor program area (ISP area) and switch to ISP area to run program
MOV ISP_CONTR, #01100000B ;SWBS = 1(Select ISP area), SWRST = 1(Software reset)
This reset is to reset the whole system, all special function registers and I/O prots will be reset to the initial value
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com