Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 20 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 20 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 24Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 377 page
background image
1.8 Package Dimension Drawings
LQFP-32 OUTLINE PACKAGE
D1(7mm)
D (9mm)
1
b
e
θ
0
L
L1
GATE PLANE
SYMBOLS
MIN.
NOM
MAX.
A
1.45
1.55
1.65
A1
0.01
-
0.21
A2
1.35
1.40
1.45
A3
-
0.254
-
D
8.80
9.00
9.20
D1
6.90
7.00
7.10
E
8.80
9.00
9.20
E1
6.90
7.00
7.10
e
0.80
b
0.3
0.35
0.4
b1
0.31
0.37
0.43
c
-
0.127
-
L
0.43
-
0.71
L1
0.90
1.00
1.10
R
0.1
-
0.25
R1
0.1
-
-
θ
0
0
0
-10
0
VARIATIONS (ALL DIMENSIONS SHOWN IN MM)
NOTES:
1. All dimensions are in mm
2. Dim D1 AND E1 does not include plastic
flash.
Flash:Plastic residual around body edge after
de junk/singulation
3. Dim b does not include dambar protrusion/
intrusion.
4. Plating thickness 0.05~0.015 mm.
R
R1
b
b1
c
WITH PLATING
BASE METAL
YS
0.80mm
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com