Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 17 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 17 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 21Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 377 page
background image
1.6.3 STC12C5620AD series MCU (32 pin) Typical Application Circuit for ISP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
Gnd
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
Reset
U1-P1.0
U1-P1.1
MCU-VCC
U1-P3.0
U1-P3.1
GND
32
31
30
29
28
27
26
25
24
23
P3.2/INT0
P3.3/INT1
P3.4/T0/ECI
P3.5/T1/PCA1/PWM1
Gnd
VCC
ADC7/SCLK/P1.7
ADC6/MISO/P1.6
ADC5/MOSI/P1.5
ADC4/SS/P1.4
ADC3/P1.3
ADC2/P1.2
CLKOUT1/ADC1/P1.1
CLKOUT0/ADC0/P1.0
PWM0/PCA0/P3.7
Vcc
USB+5V T1OUT R1IN GND
USB1
USB +5V
SW1
Power On
0.1μF
10μF
10μF
Vcc
0.1μF
0.1μF
0.1μF
Vcc
+
Vcc
Gnd
PC_RxD(COM Pin2)
PC_TxD(COM Pin3)
2
3
5
22
21
20
19
18
17
P2.2
P2.3
P0.1
RST
P3.0/RxD
P3.1/TxD
XTAL2
XTAL1
P0.0
P2.4/PCA3/PWM3
P2.5
P2.1
PCA2/PWM2/P2.0
P0.3
P0.2
P2.7
P2.6
10μF
10K
C1
R1
+
SCL
SDA
A0
A1
A2
24C02
Vcc
10K
3.3K
4.7K
4.7K
10K
10K
10K
104
104
D/A
10K
10K
10K 10K 10K 10K
VCC
Vcc
3.3K
3.3K
3.3K
3.3K
0V
1/2 Vcc
2/3 Vcc
3/4 Vcc
1K
1K
STC3232,STC232,MAX232,SP232
PC/COM
<33pF
<33pF
1K
1K
1K
1K
1K
24C02(
I2C bus OC doors
open-drain circuits need
to add pull-up
resistors)
PWM as D/A output
I/O dirve NPN Transistor circuit
I/O dirve PNP Transistor circuit
93C46 (SPI bus OC doors open-drain circuits need to add pull-up resistors)
CS
SK
DA
DO
DC
ORG
more than 47pF
Using A/D to key scan
+
System
Gnd
The determinant key scanning circuit.
Adding current limiting resistor n both
sides of dererminant is suggested
System Power
Download user proced-
ure to STC MCU by
the software STC-ISP
programmer
Users are suggested hold this
interface on the system , which
can be convenient to download
the users program online.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com