Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 77 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 77 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 81Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 377 page
background image
4.6 3V/5V hybrid system
When STC12C5620AD series 5V MCU connect to 3.3V peripherals. To prevent the 3.3V device can not afford to
5V voltage, the 5V MCU corresponding I/O should first add a 330 ohm current limiting resistor to 3.3 device I/O
ports. And in intialization of procedures the 5V MCU corresponding I/O is set to open drain mode, disconnect the
internal pull-up resistor, the corresponding 3.3V device I/O port add 10K ohm external pull-up resistor to the 3.3V
device VCC, so high level to 3.3V and low to 0V, which can proper functioning
MCU common I/O
external input signal
When STC12LE5620AD series 3V MCU connect to 5V peripherals. To prevent the 3V MCU can not afford to 5V
voltage, if the corresponding I/O port as input port, the port may be in an isolation diode in series, isolated high-
voltage part. When the external signal is higher than MCU operating voltage, the diode cut-off, I/O have been
pulled high by the internal pull-up resistor; when the external signal is low, the diode conduction, I/O port voltage
is limited to 0.7V, it’s low signal to MCU.
5V MCU I/O port
10K
330Ω
3.3V device I/O port
3.3V
When STC12LE5620AD series 3V MCU connect to 5V peripherals. To prevent the 3V MCU can not afford to
5V voltage, if the corresponding I/O port as output port, the port may be connect a NPN transistor to isolate high-
voltage part. The circuit is shown as below.
common I/O port
10K
2K
5V
1
0
5V device I/O port
1
0
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com